Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 32Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 33Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 34Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 35Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 36Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 37Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 38Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 39Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
Avance Logic Inc.
ALS300
36
ESP will generate an interrupt for every specified block size transferred.
7Fh
first 3:1 ADPCM 2.6 to 8 bit continuous DMA output
ESP_WRITE(7Fh)
ESP will generate an interrupt for every specified block size transferred.
Output Silence
8Xh
Bit 3..0
X
reserved
80h
silence audio for a duration
a. ESP_WRITE(80h)
b. ESP_WRITE(duration.low)
c. ESP_WRITE(duration.high)
Duration = # of silence sample period - 1
After the specified duration elapses, ESP will generate an interrupt. During silence period, ESP out 0x80
to PCM D/A.
8 Bit Special DMA Playback/Record
9Xh
All special DMA mode use command 48h to set the transfer block size. The non-continuous special
DMA mode will interrupt the CPU at the end of the transfer block and wait for new command. Use
RESET-ESP() to end the continuous special DMA, all other parameters remains the same after
RESET-ESP( ).
Special DMA playback:
MONO
MX0E.1 = 0
Stereo
MX0E.1 = 1
Default MONO after ISA reset or mixer reset
Default MONO after ISA reset or ESP reset
Bit 3
1
audio input
Bit 3
0
audio output
Bit 2
X
reserved
Bit 1
X
reserved
Bit 0
0
continuous DMA
Bit 0
1
non-continuous DMA
$90h
8 bit continuous special DMA output
ESP_WRITE(90h)
ESP will generate an interrupt for every specified block size transferred.
ALS300 use CR0.2 to control the DMA running mode of 90h command. When CR0.2 is 1, ESP
will continue DMA transfer no matter whether the interrupt is acknowledged, this is SBPRO 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com