Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 16Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 17Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 18Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 19Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 20Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 21Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 22Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 23Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
Avance Logic Inc.
ALS300
20
MIXER.81
Sound Blaster DMA setup 1
Default 00h
Bit 7..4
reserved, read as 0
Bit 3
DMA3 for SB DMA command
Bit 2
reserved, read as 0
Bit 1
DMA1 for SB DMA command
Bit 0
DMA0 for SB DMA command
0: disable DMA
1: enable DMA
Any write to PnP logical device 0 port 74h will set one of this register bit3-0 as 1.
Write this register will generate SB-MIXER IRQ except in PnP configuration state.
MIXER.82
interrupt status
Read only
Default 00h
Bit 7~4
reserved
Bit 3
Special MPU401 interrupt request
Bit 2
MPU-401 MIDI interrupt request
Bit 1
BX type command DMA interrupt request
Bit 0
non-BX type command DMA interrupt request
0 : no interrupt
1 : interrupt triggered
Bit 0,1 always use SB IRQ line, bit 2 can share SB IRQ line only when MPU401 IRQ line is programmed
to be the same as SB IRQ line by PnP manager. Normally bit 2 use MPU401 IRQ line.
MIXER.8D
ALS300 backward compatible register
Default 03h (Version F or latter Default = 07h)
Read/write
Bit 7..3
reserved,read as 0
Bit 2
continuous DMA operation mode
0
IRQ controlled continuous DMA mode.
1
FIFO controlled continuous DMA mode.
Bit1,0
reserved(read as 1)
MX8D.2 is the ghost bit of CR0.1.
Control Register Definition:
CR0
Sound Blaster configuration
Default 00h (Version F or latter Default = 06h)
Read/write
Bit 7..6
reserved, read as 0
Bit 5
Reserved, read as 0
Bit 4
DMA block enable for SB DMA command
Bit 3
DMA block request size
Bit 2
DMA mode control for 90h command
Bit 1
continuous DMA mode control
Bit 0
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com