Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 26Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 27Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 28Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 29Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 30Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 31Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 32Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 33Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
Avance Logic Inc.
ALS300
30
DB
0XFF,0X07
; MAX. I/O BASE 0X07FF (1997,5,13)
DB
0X08
; I/O ALIGN EVERY 8 BYTE (1997,6,12)
DB
0X04
; I/O LENGTH 4 BYTE (1997,5,13)
;
DB
0X38
; END CASE (1997,5,13)
;
; LOGICAL DEVICE 2
; GAME PORT
;
DB
0X15
; LOGICAL DEVICE ID
DB
0X02,0X00
; DEVICE ID 2-GAME PORT
DB
0X00,0X03
; ALS300
DB
0X02
; SUPPORT I/O RANGE CHECK
;
; WHEN I/O RANGE CHECK ENABLE, ALS300 WILL NOT ENABLE NORMAL
; OR ENHANCED MODE GAMEPORT READ AND WRITE.
; ALS300 WILL DRIVE SD0-7 AS 0X55 OR 0XAA AS DEFINED BY THE SPEC.
;
DB
0X31,0X00
; BEST CASE
DB
0X47,0X01
; I/O PORT SELECT,16 BIT I/O ADDRESS DECODE
DB
0X00,0X02
; MIN. I/O BASE 0X0200
DB
0X00,0X02
; MAX. I/O BASE 0X0200
DB
0X08
; I/O ALIGN EVERY 8 BYTE
DB
0X08
; I/O LENGTH 8 BYTE
;
DB
0X31,0X01
; WORST CASE (1997,5,13)
DB
0X47,0X01
; I/O PORT SELECT,16 BIT I/O ADDRESS DECODE
DB
0X00,0X02
; MIN. I/O BASE 0X0200
DB
0XFF,0X07
; MAX. I/O BASE 0X07FF
DB
0X08
; I/O ALIGN EVERY 8 BYTE
DB
0X08
; I/O LENGTH 8 BYTE
;
DB
0X38
; END CASE (1997,5,13)
;
; LOGICAL DEVICE 3
; MPU401 MIDI RESOURCE
;
DB
0X15
; LOGICAL DEVICE ID
DB
0X03,0X00
; DEVICE ID 3-MPU401 MIDI
DB
0X00,0X03
; ALS300
DB
0X02
; SUPPORT I/O RANGE CHECK
;
DB
0X31,0X00
; BEST CASE DEFAULT
DB
0X47,0X01
; I/O PORT SELECT, 16 BIT I/O ADDRESS DECODE
DB
0X30,0X03
; MIN. I/O BASE 0X0330
DB
0X30,0X03
; MAX. I/O BASE 0X0330
DB
0X10
; I/O ALIGN EVERY 16 BYTE
DB
0X04
; I/O LENGTH 4 BYTE
DB
0X22
; IRQ FORMAT, HIGH EDGE TRIGGERED
DB
0X00,0X02
; IRQ 9
;
DB
0X31,0X01
; AVERAGE CASE
DB
0X47,0X01
; I/O PORT SELECT,16 BIT I/O ADDRESS DECODE
DB
0X00,0X01
; MIN. I/O BASE 0X0100
DB
0XF0,0X03
; MAX. I/O BASE 0X03F0
DB
0X10
; I/O ALIGN EVERY 16 BYTE
DB
0X04
; I/O LENGTH 4 BYTE
DB
0X22
; IRQ FORMAT, HIGH EDGE TRIGGERED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com