Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 55Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 56Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 57Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 58Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 59Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 60Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 61Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 62Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
Avance Logic Inc.
ALS300
59
Appendix A : PnP and DMA Emulation
PNP state :
PNP state
PNPS[1..0]
Wait-for-key
00
Sleep
01
Configuration
10
Isolation
11
The PnP specification define PnP register indexed 00h~2Fh as card level register, others as
device level register. For simplicity, we define
PNPxx
: PNP card level register xx, where xx is in range of 00h to 2fh.
PNPy-xx
: PNP device y register xx, where xx is in range of 30h to ffh
Note that PNPxx and PNPy-xx implemented in PCI interface are write-only for PnP
compatibility. The write operation is enabled only when PNPS[1..0]=1x.
ALS300 “PnP emulation block” decode the following address range for “SB logic” when
GCR9A.1=0 :
Address
Length
Type
Enabled condition
SBBASE[15..0]
16 bytes
IO R/W
(PNP0-30.0=1)|(PNP0.31.1=1)
OPLBASE[15..0]
4 bytes
IO R/W
(PNP1-30.0=1)|(PNP1-31.1=1)
GAMEBASE[15..0]
8 bytes
IO R/W
(PNP2-30.0=1)|(PNP2-31.1=1)
MPUBASE[15..0]
4 bytes
IO R/W
(PNP3-30.0=1)|(PNP3-31.1=1)
279h
1 byte
IO W
*Note*
A79h
1 byte
IO W
*Note*
RA[9..0]
1 byte
IO R
PNPS[1..0]=[1x]
Note :
nALS300 claim write cycle of A79h only when
[(PNPS[1..0]=01) & CSN0&(PNP index = 03)]
where CSN0 is the flag indicating CSN=0. CSN0=1 means CSN = 0.
For other conditions, ALS300 “snoop” it only. Remember that ALS300 always
forward write cycle of A79h to SB logic.
oFor 279h decoding, ALS300 always snoop and forward to SB core logic.
pFor PnP read port decoding, ALS300 snoop and forward to SB logic only when
PNPS[1..0]=1x.
DMA emulation by BUS Master function :
ALS300 implement 2 types of DMA emulation scheme : Legacy DMA and Distributed DMA
(DDMA). ALS300 emulate the assigned channel (0,1,3) only.
Internal Registers/Flags :
RETRYThe flag decide whether read status from 8237 or not.(Effective in Legacy-DMA)
1
Enabled read (Default)
0
Disable read
FFLP
1_bit Flip-Flop function as low/high byte pointer for DMA IO register (00~07h)
(Effective in Legacy-DMA)
Write 0x0c will clear FFLP to 0.FFLP is default 0 after reset. Any access to
00h~07h will toggle it‘s value.
CA
24-bit address counter of DMA emulation.
CBC
16-bit byte counter of DMA emulation.
DMA Emulation Scheme for Legacy-DMA mode and DDMA mode :
z
Legacy-DMA Mode :
ALS300 decode the following IO command :
Address Command
Function
Enabled
00h
IO write
FFLP=0: Write to GCR91.7~0
FFLP=1: Write to GCR91.15~8
Always
00h
IO read
FFLP=0: read from CA.7~0
FFLP=1: read from CA.15~8
SBDMA
= 000
01h
IO write
FFLP=0: Write to GCR92.7~0
FFLP=1: Write to GCR92.15~8
Always
01h
IO read
FFLP=0: read from CBC.7~0
SBDMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com