Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 2Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 3Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 4Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 5Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 6Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 7Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 8Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 9Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
Avance Logic Inc.
ALS300
6
POWER MANAGEMENT REGISTER:
8 bit read / write
Default FFh
Bit 7
FM clock select
1 : 14.318M or 14.318M/8
0 : 2M (from internal clock chip)
Bit 6
X
Reserved for future usage
Bit 5
0
power down OPL3
Bit 4
0
power down wave engine
Bit 3
X
Reserved
Bit 2
X
Reserved
Bit 1
0
power down MPU401 block
Bit 0
X
reserved for future usage
Every bit of this register can read/write by PC and set to 1 by PC reset or by activity register specific bit
is set to 1. Wave engine is waked up by bit 4 of activity register any time.
ACTIVITY STATUS REGISTER:
Read only
Default 00h
Bit 7,6
X
reserved, read as 0
Bit 5
1
OPL3 is active
Bit 4
1
wave engine is active
Bit 3
X
reserved, read as 0
Bit 2
X
reserved, read as 0
Bit 1
1
MPU401 block is active
Bit 0
X
reserved, read as 0
Any read of this register will clear all bits to zero. Each bit will be set when any of the following
conditions happened:
Bit 5 = I/O access of OPL3 register (chip select active)
Bit 4 = CR3.5 & Bit 1
Bit 1 = I/O access of MPU401 port + MIDIIN input has ever been low
POWER DOWN REGISTER:
Read / write
Default A5h
Bit 7-0
software power down byte
When write 5Ah to this register, ALS300 will enter S/W power down mode until wake up by write with
A5h. All other value will be ignored.
Game Port Definition:
When I/O write to gameport, ALS300 will drive GD3, GD2, and GD1 low with 3-5ns time delay from
each other. After system IO write command goes inactive(SIOW_ goes high), ALS300 will sustain to
drive low for extra 2us time period. At this time period, any read to gameport will force ALS300 to drive
SD0-3 with 1 and SD7-4 with input data form GD7-GD4. After this time period, ALS300 will drive
SD0-7 with input data from those pins when I/O read to gameport.
ALS300 implement GD0 differently from GD1~3. It usually drive GD0 to low. When Game-port
write command is active, GD0 is tri-state until level on GD0 is high again. This implementation work
fine with analog joystick and digital game pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com