Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 49Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 50Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 51Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 52Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 53Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 54Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 55Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 56Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
Avance Logic Inc.
ALS300
53
When ALS300 start DRAM data transfer, DA[20..2] is the starting address of the DRAM
memory space. This address will increase automatically during the transfer period. SW should
update this register content before the beginning of next block transfer.
GCR8E Default : XXXXXXXXh Music/Voice volume
Bit
Type
Function
31:27
R/W
Music-Left volume in 1.5Db step , 00h : 0dB , 1Fh : -46dB
26:24
Reserved
23:19
R/W
Music-Right volume in 1.5Db step , 00h : 0dB , 1Fh : -46dB
18:16
Reserved
15:11
R/W
Voice-Left volume in 1.5Db step , 00h : 0dB , 1Fh : -46dB
10:8
Reserved
7:3
R/W
Voice-Right volume in 1.5Db step , 00h : 0dB , 1Fh : -46dB
2:0
Reserved
nSW should set a default volume after system reset.
GCR8F Default : XXXXXXXXh Modem I/O
Bit
Type
Function
31:16
W
Modem-Out data bit 15~0
15:0
R
Modem-In data bit 15~0
GCR90 Default : XX5A0000h
Test mode register
Bit
Type
Function
31:24
R/W
Reserved
23:22
R/W
RC oscillator output divider 00:2
01:4
10:8
11:16
21:20
R/W
VCO V-I stage resistor select 00:5.2K
01:4.5K
10:3.7K
11:3K
19
R/W
RC oscillator input current control
0:30u
1:45u
18
R/W
VCO input current control
0:30u
1:45u
17:16
R/W
Band Gap resister control
00:2.5K 01:2.2K 10:1.9K 11:1.6K
15:8
R/W
SB test mode register (Normal = 00h)
7:6
R/W
Wave engine test mode register
5
R/W
PLL test (PLLTEST) 0 : 14.318M/256
1: 2M/32
4:0
R/W
Wave engine test mode register (Normal = 00h)
nPLLTEST
0
XCLK output 14.318M/256 clock
1
XCLK output OSC2 clock (2M/32 Hz)
GCR91 Default : 00FFFFFFh
DMA 0 starting address
Bit
Type
Function
31:24
Reserved
23:0
R
DMA channel 0 starting address SA0[23..0]
nStuff SA0[31..24] with 0 when implemented.
GCR92 Default : 0000FFFFh
DMA 0 mode register and base byte count
Bit
Type
Function
31:22
Reserved
21
R
Address increment/decrement select. 0 : increment 1 : decrement
20
R
Auto-initialization enable
0 : Disable 1 : Enable
19:18
R
Transfer mode
01 : Write 10 : Read Others : Reserved
17:16
Reserved
15:0
R
DMA channel 0 base byte count BBC0[15..0]
nWrite transfer
ALS300
→ Memory
Read transfer
ALS300
← Memory
GCR93 Default : 00FFFFFFh
DMA 1 starting address
Bit
Type
Function
31:24
Reserved
23:0
R
DMA channel 1 starting address SA1[23..0]
nStuff SA1[31..24] with 0 when implemented.
GCR94 Default : 0000FFFFh
DMA 1 mode register and base byte count
Bit
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com