Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 33Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 34Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 35Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 36Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 37Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 38Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 39Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 40Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
Avance Logic Inc.
ALS300
37
command. When CR0.2 is 0, ESP will continue DMA transfer after the interrupt is acknowledged,
this is SB16 90h command.
$91h
8 bit non-continuous special DMA output
ESP_WRITE(91h)
ESP will generate an interrupt after the specified size of data transferred.
For non-continuous special DMA output, every time when ESP receives the 91h command, ESP
will use the block length that most recently set by command 48h to begin the special DMA
transfer. So if every block of DMA data is the same size, software needs only set block length one
time by using command 48h. When each block is transfered over, software needs only send 91h
command to ESP, the DMA transfer will then continue with previous block length.
16 Bit DMA Audio I/O
#BXh
Bit 3
0
audio output (Bit 3 should be “0” in ALS300)
1
audio input
Bit 2
0
non-continuous DMA
1
continuous DMA
Bit 1
X
reserved
Bit 0
X
reserved
FIFO will reset when ESP receives any digital audio I/O command.
FIFO is always on.
a. ESP_WRITE(BXh)
b. ESP_WRITE(mode)
c. ESP_WRITE(length.low)
d. ESP_WRITE(length.high)
Mode
Bit 7
X
reserved
Bit 6
X
reserved
Bit 5
0
MONO
1stereo
Bit 4
0
unsigned (0--8000h--FFFFh)
1
signed (8000h--0--7FFFh)
Bit 3
X
reserved
Bit 2
X
reserved
Bit 1
X
reserved
Bit 0
X
reserved
Length = # of 16 bit sample -1
ESP will generate an interrupt after the specified size of data transferred (if non-continuous) or every
block(if continuous).
8 Bit DMA Audio I/O
#CXh
Bit 3
0
audio output (Bit 3 should be “0” in ALS300)
1
audio input
Bit 2
0
non-continuous DMA
1
continuous DMA
Bit 1
X
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com