Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 4Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 5Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 6Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 7Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 8Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 9Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 10Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 11Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
Avance Logic Inc.
ALS300
8
Read ESP-RD-STATUS8 will clear interrupt generated by the ESP for non-BX type DMA and MIDI.
Read ESP-RD-STATUS16 will clear interrupt for BX type DMA.
After CPU read the data from ESP-READ-DATA port, bit 7 of this read status port will reset to 0 (no
data) until the next read data is available and bit 7 set to 1 (data available).
ESP-READ-DATA
Read only
Bit 7..0
X
the data return by ESP
ESP-COMMAND/DATA
Write only
Bit 7..0
X
the command or data to ESP
ESP-WR-STATUS:
Read only
Bit 7
0
ESP is available for next command/data
1
ESP is busy
Bit 6..0
X
reserved (same as ESP-READ-DATA bit 6..0)
After CPU write the command/data to the ESP-COMMAND/DATA port, bit 7 of this write status will
set to 1 (busy) until the ESP processed the written command/data and waiting for the next command/data
by reset bit 7 to 0 (not busy). Any acknowledge byte must be readback before any new command is issued.
ESP will be set busy if any DMA operation is started and will be set not busy if command port is read
twice.
Interrupt Acknowledge Procedure:
1.
IO read(ESP-RD-STATUS8), clear non BX type DMA IRQ
2.
IO read(ESP-RD-STATUS16), clear BX type DMA IRQ .
3.
IO read(MIDI-DATA), clear MPU401 MIDI interrupt
4.
Write RAM-CNT clear Special-MIDI type IRQ
5.
No acknowledge is required for SB-Mixer IRQ.
MPU-401 MIDI Register Definition:
MIDI-STATUS
Read only
Bit 7
0
MIDI input data is available
1
no MIDI input
Bit 6
0
ready for MIDI data output or new MIDI command
1
MIDIOUT FIFO full or MIDIOUT FIFO not empty when MIDI_RESET (if CR3.5=0)
Special MPU401 RAM is full (if CR3.5=1)
Bit 5
MIDI RAM status (Effective in special MIDI mode)
0Not Full
1
Full
Bit 5-0
reserved
MIDI-COMMAND
Write only
Bit 7..0
command to MIDI controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com