Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 41Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 42Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 43Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 44Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 45Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 46Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 47Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 48Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
Avance Logic Inc.
ALS300
45
Part II : Specification for PCI I/F and Wave Engine
DRAM configuration :
11 X 11 : 4M X 4 (DTYPE[1,0]=10)
CASA#/CAS0# : A21,A9~ A0
CASB#/CAS1# : Inactive
RASA#/RAS# : A20,A19~ A0
12 X 10 : 4M X 4 (DTYPE[1,0]=11)
CASA#/CAS0# : A9~ A0
CASB#/CAS1# : Inactive
RASA#/RAS# : A21~ A10
10 X 10 : One 1M X 4 (DTYPE[1,0]=00)
CASA#/CAS0# : A9~ A0 (A20=0)
CASB#/CAS1# : A9~ A0 (A20=1)
RASA#/RAS# : A19~ A10
10 X 10 : Two 1M X 4 (DTYPE[1,0]=01)
CASA#/CAS0# : A9~ A0 (A20=0)
CASB#/CAS1# : A9~ A0 (A20=1)
RASA#/RAS# : A19~ A10
DRAM Access mode :
Mode 1 : DRAM is controlled by PCI DRAM controller.
Access : Memory Read/Write.
Mode 2 : DRAM is controlled by Wave engine.
Access : Program GCR8B to start bus master function. It support write function
only.
Arbitration between PCI D/A and SB D/A :
PCI/SB# ( Re-sample source select,GCR8C.28)
0
Select SB D/A (Default)
1
Select PCI D/A
PCI/SB#
PCI/SB# Toggle condition
1
SBVLID low go high edge
0
PCIVLID=1
Arbitration between OPL3 D/A and Wave Engine D/A :
WVE/FM# ( Re-sample source select,GCR8C.1)
0
Select OPL3 D/A (Default)
1
Select Wave Engine D/A
WVE/FM#
WVE/FM# Toggle condition
1
FMREQ low go high edge
0
(RAMW# low go high edge) |
(FMPWED#=0)
FIFO/Latch arrangement :
• AC97 serial output buffer :
Name
Size
Slot No.
Description
INDX
8 X 1
1
AC97 CMD/Address latch
DOUT
16 X 1
2
AC97 ouput data latch
PCILO
16 X 8
3
PCI playback left channel FIFO
PCIRO
16 X 8
4
PCI playback right channel FIFO
MOUT
16 X 1
5
Modem-Out latch
INDX connect to high byte of 16-bit bus
• AC97 serial input buffer :
Name
Size
Slot No.
Description
DIN
16 X 1
2
AC97 input data latch
PCILI
16 X 8
3
PCI record left channel FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com