Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 58Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 59Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 60Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 61Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 62Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 63Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 64Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 65Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 66Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 65 / 66 page
background image
Avance Logic Inc.
ALS300
65
AM
FM
oMT is only effective for channel 0. For other channels , it is fixed on MT=0.
MT
Modulation frequency (Hz)
0
0.183105468
1
2.014147656
2
3.173828125
3
4.211425781
4
5.126953125
5
5.859317000
6
6.347656250
7
7.080078125
Register 2
Default Value : 00000FFFh
Bit
Type
Function
31
R/W
Keyboard split point (KSP)
30:28
R/W
Pitch Octave (OCT)
27:26
R/W
Voice volume adjustment (VVA)
25:16
R/W
Frequency number (FN)
15:12
R/W
Sustain level (SL)
11:10
R/W
Envelop Flag (EF) 00:Attack 01:Overshoot 10:Decay 11: Release
9:0
R/W
Envelop Attenuation (EA)
nKSP 0
The pitch is higher than or equal to that of sample pitch
1
The pitch is lower than that of sample pitch
oVVA Attenuation = -12*bit1 -6*bit0 (dB)
pFN
Fout = Fwave * (FN + FM + 2
10) * 2-8*KSP+OCT-10
where Fout = final output frequency
Fwave = frequency of sample wave
Register 3
Default Value : 00000000h
Bit
Type
Function
31:28
R/W
Key Scale Ratio (KSR)
27:24
R/W
PAN -Low (Stereo control)
23
R/W
PAN MSB
22:16
R/W
Volume (VOL)
15:12
R/W
Attack Rate (AR)
11:8
R/W
Overshoot Rate (OR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com