Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 24Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 25Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 26Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 27Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 28Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 29Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 30Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 31Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
Avance Logic Inc.
ALS300
28
Appendix A : ALS300 PnP Resource Data
ALS300 Plug And Play Definition:
Plug and play function block can be enabled by either the standard ISA plug and play initial key
sequence or our self-defined initial key sequence. Please refer to the ISA plug and play spec 1.0 to get the
standard initial key sequence. Our self-defined initial key sequence is as follows:
95,CA,E5,F2, F9,FC,7E,BF,
5F,2F, 17,0B, 05, 82,C1,E0,
70, 38,1C,0E, 87, 43, 21,90,
48, 24,12 ,89, C4, 62, B1,D8
Plug And Play Header/Resource Data:
200 byte ROM
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
; PLUG AND PLAY HEADER
; 9 bytes RAM
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
DB
0X05,0X93
; VENDOR ID "ALS"
DB
0X03,0X00
; CHIP ID "300"
DB
0XFF,0XFF,0XFF,0XFF ; SERIAL NUMBER FFFFFFFF
DB
0X99
; LFSR CHECKSUM
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
; PLUG AND PLAY RESOURCE DATA
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
DB
0X0A
; PLUG AND PLAY VERSION NUMBER
DB
0X10
; VERSION 1.0
DB
0X00
; ALS300 VERSION 0.0
DB
0X82
; ANSI IDENTIFIER STRING
DB
0X29,0X00
; STRING LENGTH
DB
0X50,0X6E,0X50,0X20
DB
0X53,0X6F,0X75,0X6E
DB
0X64,0X20,0X43,0X68
DB
0X69,0X70,0X20,0X20
DB
0X20,0X20,0X20,0X20
DB
0X20,0X20,0X20,0X20
DB
0X20,0X20,0X20,0X20
DB
0X20,0X20,0X20,0X20
DB
0X20,0X20,0X20,0X20
DB
0X20,0X20,0X20,0X20,0x20
;”PnP Sound Chip
”
;
; LOGICAL DEVICE 0
; SOUND BLASTER RESOURCE
;
DB
0X15
; LOGICAL DEVICE ID
DB
0X00,0X00
; DEVICE ID 0-SOUND BLASTER BASE
DB
0X00,0X03
; ALS300
DB
0X02
; SUPPORT I/O RANGE CHECK
;
DB
0X31,0X00
; BEST CASE DEFAULT
DB
0X47,0X01
; I/O PORT SELECT, 16 BIT I/O ADDRESS DECODE
DB
0X20,0X02
; MIN. I/O BASE 0X0220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com