Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 18Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 19Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 20Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 21Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 22Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 23Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 24Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 25Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
Avance Logic Inc.
ALS300
22
1
internal pull up
ROMCS
0
external 10K pull up
1
internal pull down
Power up latched value
CR3.6
!ROMCS
CR3.5
MIDIOUT
CR3.6
0
E
2PROM is disabled
1E
2PROM is enabled (Default)
CR3.5
0
external Wave Blaster midi (Standard-MPU401)
1
internal Wave engine midi (Special-MPU401)
CR4
(For Testing)
Same as PNP0-60
CR5
(For Testing )
Same as PNP0-61
CR6
Same as PNP0-70
CR7
Same as PNP1-60
CR8
Same as PNP0-74
CRA
Same as PNP3-30
CRB
Same as PNP1-61
CRC
Same as PNP3-60
CRD
Same as PNP3-61
CRE
Same as PNP3-70
CRF
Same as PNP2-60
CR11
Same as PNP2-61
CR17
FIFO status
Default 00h
Bit 7-3 read only
Bit 2-0 read/write
Bit 7
Reserved
Bit 6
Reserved
Bit 5
1
primary PCM FIFO underrun flag
Bit 4
1
MIDI output FIFO full flag
Bit 3
1
MIDI input FIFO overrun flag
Bit 2
1
flush MIDI in and out FIFO
Bit 1
1
flush primary PCM FIFO
Bit 0
1
active XRST_ to reset internal OPL3
Any time during DMA playback by primary FIFO, if the FIFO is empty when new sample is needed, bit
5 will be set.
Any time midi output FIFO is full, bit 4 will be set.
Any time a new midi input data is received and the midi input FIFO is full, bit 3 will be set.
Reading this register will clear all flags(ie. Bit 7-3).
Bit 2-0 are sticky, that is, hardware will not clear them automatically and it is need for software to clear
the bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com