Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ALS300 Datasheet HTML 1Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 2Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 3Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 4Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 5Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 6Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 7Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 8Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
Avance Logic Inc.
ALS300
2
AD22
I/O
9
10
PCI Address/Data bit 22
6mA TTL compatible CMOS IO (Vt=1.7V)
AD23
I/O
7
9
PCI Address/Data bit 23
6mA TTL compatible CMOS IO (Vt=1.7V)
AD24
I/O
3
6
PCI Address/Data bit 24
6mA TTL compatible CMOS IO (Vt=1.7V)
AD25
I/O
158
128
PCI Address/Data bit 25
6mA TTL compatible CMOS IO (Vt=1.7V)
AD26
I/O
156
127
PCI Address/Data bit 26
6mA TTL compatible CMOS IO (Vt=1.7V)
AD27
I/O
155
126
PCI Address/Data bit 27
6mA TTL compatible CMOS IO (Vt=1.7V)
AD28
I/O
153
125
PCI Address/Data bit 28
6mA TTL compatible CMOS IO (Vt=1.7V)
AD29
I/O
152
124
PCI Address/Data bit 29
6mA TTL compatible CMOS IO (Vt=1.7V)
AD30
I/O
150
123
PCI Address/Data bit 30
6mA TTL compatible CMOS IO (Vt=1.7V)
AD31
I/O
149
122
PCI Address/Data bit 31
6mA TTL compatible CMOS IO (Vt=1.7V)
C/BE0
I/O
48
42
PCI Command/Byte enable
bit 0
6mA TTL compatible CMOS IO (Vt=1.7V)
C/BE1
I/O
31
28
PCI Command/Byte enable
bit 1
6mA TTL compatible CMOS IO (Vt=1.7V)
C/BE2
I/O
18
18
PCI Command/Byte enable
bit 2
6mA TTL compatible CMOS IO (Vt=1.7V)
C/BE3
I/O
5
7
PCI Command/Byte enable
bit 3
6mA TTL compatible CMOS IO (Vt=1.7V)
FRAME#
I/O
22
20
PCI Cycle Frame
8mA TTL compatible CMOS IO (Vt=1.7V)
IRDY#
I/O
23
21
PCI Initiator Ready
8mA TTL compatible CMOS IO (Vt=1.7V)
TRDY#
I/O
26
23
PCI Target Ready
8mA TTL compatible CMOS IO (Vt=1.7V)
STOP#
I/O
28
25
PCI Stop
8mA TTL compatible CMOS IO (Vt=1.7V)
IDSEL
I
6
8
PCI Initialization Device
Select
TTL compatible CMOS input
DEVSEL#
I/O
27
24
PCI Device Select
8mA TTL compatible CMOS IO (Vt=1.7V)
CLK
I
143
117
PCI System Clock(33MHz) TTL compatible CMOS input
RST#
I
141
115
PCI System Reset
Schmitt triggered CMOS input (1.4V-2.2V)
PAR
I/O
30
26
PCI Parity
6mA TTL compatible CMOS IO (Vt=1.7V)
REQ#
O
148
121
PCI Request
6mA TTL compatible CMOS output (Vt=1.7V)
GNT#
I
146
120
PCI Grant
TTL compatible CMOS input (Vt=1.7V)
INTA#
O
140
114
PCI Interrupt Request A
6mA TTL compatible CMOS output (Vt=1.7V)
AC97 Interface Signal :
5 pins
Pin Name
Type
P-160
P-128
Description
Characteristic Definition
SYNC
O
133
110
48Khz fixed rate sample sync 12mA TTL compatible CMOS output (Vt=1.7V)
BIT_CLK
I
136
112
12.288Mhz serial bit clock
TTL compatible CMOS input (Vt=1.7V)
SD_OUT
O
137
113
AC97 serial output stream
12mA TTL compatible CMOS output (Vt=1.7V)
SD_IN
I
135
111
AC97 serial input stream
TTL compatible CMOS input (Vt=1.7V)
RESET#
O
132
109
AC97 Reset
4mA TTL compatible CMOS output (Vt=1.7V)
ISA Interface : 38 pins (Enabled when BOND=0)
Pin Name
Type
P-160
P-128
Description
Characteristic Definition
SA0
I
33
*
ISA system address bit 0
TTL input (Vt=1.7V)
SA1
I
37
*
ISA system address bit 1
TTL input (Vt=1.7V)
SA2
I
44
*
ISA system address bit 2
TTL input (Vt=1.7V)
SA3
I
47
*
ISA system address bit 3
TTL input (Vt=1.7V)
SA4
I
50
*
ISA system address bit 4
TTL input (Vt=1.7V)
SA5
I
54
*
ISA system address bit 5
TTL input (Vt=1.7V)
SA6
I
58
*
ISA system address bit 6
TTL input (Vt=1.7V)
SA7
I
63
*
ISA system address bit 7
TTL input (Vt=1.7V)
SA8
I
67
*
ISA system address bit 8
TTL input (Vt=1.7V)
SA9
I
71
*
ISA system address bit 9
TTL input (Vt=1.7V)
SA10
I
74
*
ISA system address bit 10
TTL input (Vt=1.7V)
SA11
I
77
*
ISA system address bit 11
TTL input (Vt=1.7V)
SA12
I
84
*
ISA system address bit 12
TTL input (Vt=1.7V)
SA13
I
87
*
ISA system address bit 13
TTL input (Vt=1.7V)
SA14
I
90
*
ISA system address bit 14
TTL input (Vt=1.7V)
SA15
I
94
*
ISA system address bit 15
TTL input (Vt=1.7V)
SAEN
I
110
*
ISA system address enable
TTL input (Vt=1.7V)
SD0
IO
126
*
ISA system data bus bit 0
4mA TTL compatible CMOS IO (Vt=1.7V)
SD1
IO
128
*
ISA system data bus bit 1
4mA TTL compatible CMOS IO (Vt=1.7V)
SD2
IO
130
*
ISA system data bus bit 2
4mA TTL compatible CMOS IO (Vt=1.7V)
SD3
IO
134
*
ISA system data bus bit 3
4mA TTL compatible CMOS IO (Vt=1.7V)
SD4
IO
138
*
ISA system data bus bit 4
4mA TTL compatible CMOS IO (Vt=1.7V)
SD5
IO
145
*
ISA system data bus bit 5
4mA TTL compatible CMOS IO (Vt=1.7V)
SD6
IO
147
*
ISA system data bus bit 6
4mA TTL compatible CMOS IO (Vt=1.7V)
SD7
IO
151
*
ISA system data bus bit 7
4mA TTL compatible CMOS IO (Vt=1.7V)
SIOW#
I
154
*
ISA IO write strobe
Schmitt triggered CMOS input (1.2V-2.6V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com