Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ALS300 Datasheet HTML 1Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 2Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 3Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 4Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 5Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 6Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 7Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 8Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
Avance Logic Inc.
ALS300
3
SIOR#
I
157
*
ISA IO read strobe
Schmitt triggered CMOS input (1.2V-2.6V)
DRQ0
O
25
*
ISA DMA request 0
4mA CMOS output with tri-state control
DRQ1
O
16
*
ISA DMA request 1
4mA CMOS output with tri-state control
DRQ3
O
8
*
ISA DMA request 3
4mA CMOS output with tri-state control
DACK0#
I
29
*
ISA DMA acknowledge 0
CMOS input (Vt=2.0V)
DACK1#
I
12
*
ISA DMA acknowledge 1
CMOS input (Vt=2.0V)
DACK3#
I
4
*
ISA DMA acknowledge 3
CMOS input (Vt=2.0V)
IRQ2/9
O
113
*
ISA interrupt request 2/9
4mA CMOS open drain output
IRQ5
O
101
*
ISA interrupt request 5
4mA CMOS open drain output
IRQ7
O
105
*
ISA interrupt request 7
4mA CMOS open drain output
IRQ10
O
20
*
ISA interrupt request 10
4mA CMOS open drain output
IRQ11
O
96
*
ISA interrupt request 11
4mA CMOS open drain output
Game Port/MIDI Interface Signal :
10 pins
Pin Name
Type
P-160
P-128
Description
Characteristic Definition
MIDI_IN
I
131
108
MIDI serial input
Schmitt triggered CMOS input with 10K
Ω pull up (1.7V-
2.7V)
MIDI_OUT
O
129
107
MIDI serial output
8mA CMOS IO with 50K
Ω pull up (Vt=1.7V)
GD0
I/O
107
88
Game Port A timer X
8mA Schmitt triggered CMOS IO (2.0V-3.0V)
GD1
I/O
106
87
Game Port A timer Y
8mA Schmitt triggered CMOS IO (2.0V-3.0V)
GD2
I/O
104
86
Game Port B timer X
8mA Schmitt triggered CMOS IO (2.0V-3.0V)
GD3
I/O
103
85
Game Port B timer Y
8mA Schmitt triggered CMOS IO (2.0V-3.0V)
GD4
I
102
84
Game Port A button A
Schmitt triggered CMOS input with 10K
Ω pull up (2.0V-
3.0V)
GD5
I
100
83
Game Port A button B
Schmitt triggered CMOS input with 10K
Ω pull up (2.0V-
3.0V)
GD6
I
99
82
Game Port B button A
Schmitt triggered CMOS input with 10K
Ω pull up (2.0V-
3.0V)
GD7
I
97
80
Game Port B button B
Schmitt triggered CMOS input with 10K
Ω pull up (2.0V-
3.0V)
DRAM Interface Signal :
20 pins
Pin Name
Type
P-160
P-128
Description
Characteristic Definition
A0
O
92
77
DRAM address bit 0
4mA TTL compatible CMOS output (Vt=1.7V)
A1
O
91
76
DRAM address bit 1
4mA TTL compatible CMOS output (Vt=1.7V)
A2
O
89
75
DRAM address bit 2
4mA TTL compatible CMOS output (Vt=1.7V)
A3
O
88
74
DRAM address bit 3
4mA TTL compatible CMOS output (Vt=1.7V)
A4
O
86
72
DRAM address bit 4
4mA TTL compatible CMOS output (Vt=1.7V)
A5
O
85
71
DRAM address bit 5
4mA TTL compatible CMOS output (Vt=1.7V)
A6
O
83
70
DRAM address bit 6
4mA TTL compatible CMOS output (Vt=1.7V)
A7
O
81
69
DRAM address bit 7
4mA TTL compatible CMOS output (Vt=1.7V)
A8
O
78
64
DRAM address bit 8
4mA TTL compatible CMOS output (Vt=1.7V)
A9
O
76
63
DRAM address bit 9
4mA TTL compatible CMOS output (Vt=1.7V)
A10
O
75
62
DRAM address bit 10
4mA TTL compatible CMOS output (Vt=1.7V)
A11
O
73
61
DRAM address bit 11
4mA TTL compatible CMOS IO (Vt=1.7V)
DQ0
I/O
68
57
DRAM Data bit 0
4mA TTL compatible CMOS IO (Vt=1.7V)
DQ1
I/O
69
58
DRAM Data bit 1
4mA TTL compatible CMOS IO (Vt=1.7V)
DQ2
I/O
70
59
DRAM Data bit 2
4mA TTL compatible CMOS IO (Vt=1.7V)
DQ3
I/O
72
60
DRAM Data bit 3
4mA TTL compatible CMOS IO (Vt=1.7V)
RAS#
O
62
53
DRAM Row address strobe 4mA TTL compatible CMOS output (Vt=1.7V)
CAS0#
O
64
54
DRAM column address
strobe 0
4mA TTL compatible CMOS output (Vt=1.7V)
CAS1#
O
65
55
DRAM column address
strobe 1
4mA TTL compatible CMOS output (Vt=1.7V)
WE#
O
66
56
DRAM write enable
4mA TTL compatible CMOS output (Vt=1.7V)
Miscellaneous Signal : 6 pins
Pin Name
Type
P-160
P-128
Description
Characteristic Definition
XTALI
I
118
97
Crystal or oscillator input
(14.318M)
crystal / oscilator input pad
XTALO
O
117
96
Crystal output
crystal output pad
FILT
I/O
123
103
PLL filter IO
PLL filter IO
XCLK
O
120
98
Internal PLL clock output
2mA TTL compatible CMOS output
RING#
I
127
106
Ring detection input
Schmitt triggered CMOS input (1.4V-2.2V)
HOOK
O
125
105
Hook on output signal
2mA TTL compatible CMOS output with tri-stste
control(Vt=1.7V)
E
2PROM Interface : 4 Pins
Pin Name
Type
P-160
P-128
Description
Characteristic Definition
ROMCS
O
115
94
E
2PROM chip select
2mA TTL compatible CMOS output with 50K
Ω pull low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com