Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 43Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 44Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 45Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 46Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 47Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 48Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 49Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 50Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
Avance Logic Inc.
ALS300
47
AC Link Bit 3
↔
(Output : stuffed with 0 , Input : discarded)
:
:
AC Link Bit 0
↔
(Output : stuffed with 0 , Input : discarded)
PCM Sample Order:
z 8 Bit Mono
Byte No.
3210
Sample
PCM 3
PCM 2
PCM 1
PCM 0
z 8 Bit Stereo
Byte No.
3210
Sample
PCM1.R
PCM1.L
PCM0.R
PCM0.L
z 16 Bit Mono
Byte No.
3210
Sample
PCM1.HIGH PCM1.LOW PCM0.HIGH PCM0.LOW
z 16 Bit Stereo
Byte No.
3210
Sample
PCM0.R.High PCM0.R.Low PCM0.L.High PCM0.L.Low
Transformation between different PCM data type :
The PCM data type for AC97 is 16-bit signed PCM data. The transformations are described
below :
Unsigned
→ Signed 16-bit(8-bit)
Unsigned value
Signed value
FFFFh(FFh)
7FFFh(7Fh)
::
8001h(81h)
0001h(01h)
8000h(80h)
0000h(00h)
7FFFh(7Fh)
FFFFh(FFh)
::
0000h(00h)
8000(80h)
Mono
→ Stereo
Duplicated Left channel to Right channel.
8-bit
→ 16-bit
Stuff low byte with 0.
The transformation sequence are :
n Unsigned → Signed
o 8-bit → 16-bit
p Mono → Stereo
AC97 Mixer Read procedure :
1.Check AC97-STATUS bit 7, if bit7=1 go to 1,else go to 2.
2.Write mixer index to AC97-ACCESS(bit 24~31) with bit 31=1(Read operation)
3.Check AC97-STATUS bit 6, if bit 6=0 goto 3, else goto 4.
4.Read data from AC97-READ.
AC97 Mixer Write procedure :
1.Check AC97-STATUS bit 7, if bit 7 =1 go to 1,else go to 2.
2.Write index and data to AC97-ACCESS with bit 31=0
Wave Engine RAM access :
The working RAM of wave engine is 128 x 32 RAM. It can be accessed via “Address” port
and 32-bit “Data” port.
Note for Interrupt Service Routine(ISR) and TSR :
Because ALS300 share one IRQ line with multiple IRQ request., the TSR developer will
pay more attention to decide which request to be served.
For TSR :
1.Mask INTA# output. (Set GCR8C.15) ,check IRQ-STATUS and acknowledge
IRQs.
2.Call corresponding ISRs (higher-priority ISR first)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com