Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 3Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 4Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 5Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 6Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 7Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 8Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 9Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 10Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
Avance Logic Inc.
ALS300
7
SD7
GD7
SD6
GD6
SD5
GD5
SD4
GD4
SD3
invert of GD3
SD2
invert of GD2
SD1
invert of GD1
SD0
invert of GD0
GAMEPORT = GAMEBASE+0-7h
MPU401 mode definition :
Standard-MPU401 Mode : (CR3.5=0)
Data access is identical to MPU401. Please refer to MIDI programming.
Special-MPU401 Mode : (CR3.5=1)
In this mode, any data write via MPU401 data port will store in RAM and will not send out
via MIDIOUT. Read RAM-DATA will fetch data from RAM. When RAM is not empty, ALS300 will
generate an IRQ via MPU401 IRQ line. Note that the RAM is implemented as FIFO.
Writing RAM-CNT will acknowledge special MPU401 IRQ.
RAM-CNT
R/W
Default : 80h
bit 7
RAM empty flag
0
Non-empty
1
Empty
bit 6~0 RAM write pointer
Write this register will acknowledge special MPU401 IRQ.
RAM-DATA
Read only
bit 7~0 MIDI-DATA in Special-MPU401 mode
FM synthesizer :
Refer to “ALS120 FM synthesizer specification“
ESP Register Definition:
ESP-RESET-PORT:
Write only
Bit 0
0
normal
1
reset ESP
Bit 7..1
X
reserved
ESP_RESET should do the following things:
a.
Reset ESP to no operation status and clear ESP busy flag.
b.
Flush primary output FIFO.
c.
Reset any flag that may affect command execution.
d.
Reset data latched by SB D/A to middle range.
e.
Reset sample frequency to 44.1KHz.
f.
Reset DMA block length to 0x7ff.
ESP-RD-STATUS
Read only
Bit 7
0
no data on ESP-READ-DATA
1
data available at ESP-READ-DATA port
Bit 6..0
X
reserved (same as ESP-READ-DATA bit 6..0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com