Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 58Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 59Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 60Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 61Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 62Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 63Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 64Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 65Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 66Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
Avance Logic Inc.
ALS300
63
Code
Fs(Khz)
Code
Fs(Khz)
Code
Fs(Khz)
Code
Fs(Khz)
231
3.977
225
5.233
219
7.649
20D
14.205
330
4.018
324
5.303
318
7.799
30C
14.731
230
4.059
224
5.375
218
7.955
20C
15.297
32F
4.100
323
5.448
317
8.117
30B
15.909
22F
4.146
223
5.524
217
8.286
20B
16.572
32E
4.187
322
5.602
316
8.462
30A
17.292
22E
4.231
222
5.682
216
8.646
20A
18.078
32D
4.277
321
5.764
315
8.838
309
18.939
22D
4.323
221
5.849
215
9.039
209
19.886
32C
4.371
320
5.936
314
9.250
308
20.903
22C
4.419
220
6.026
214
9.470
208
22.096
32B
4.469
31F
6.119
313
9.701
307
23.396
22B
4.520
21F
6.215
213
9.943
207
24.858
32A
4.572
31E
6.313
312
10.198
306
26.515
22A
4.625
21E
6.415
212
10.497
206
28.409
329
4.679
31D
6.520
311
10.749
305
30.594
229
4.735
21D
6.629
211
11.048
205
33.144
328
4.792
31C
6.741
310
11.364
304
36.157
228
4.850
21C
6.857
210
11.698
204
39.772
327
4.910
31B
6.978
30F
12.052
303
44.191
227
4.972
21B
7.102
20F
12.429
203
32.000
326
5.035
31A
7.232
30E
12.830
202
16.000
226
5.099
21A
7.365
20E
13.258
201
8.000
325
5.165
319
7.504
30D
13.715
000
48.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com