Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 31Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 32Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 33Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 34Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 35Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 36Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 37Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 38Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
Avance Logic Inc.
ALS300
35
75h
first 2:1 ADPCM 4 to 8 bit normal DMA output
a. ESP_WRITE(75h)
b. ESP_WRITE(length.low)
c. ESP_WRITE(length.high)
Length = # of byte transfer - 1
ESP will generate an interrupt after the specified size of data transferred.
76h
3:1 ADPCM 2.6 to 8 bit normal DMA output
a. ESP_WRITE(76h)
b. ESP_WRITE(length.low)
c. ESP_WRITE(length.high)
Length = # of byte transfer - 1
ESP will generate an interrupt after the specified size of data transferred.
77h
first 3:1 ADPCM 2.6 to 8 bit normal DMA output
a. ESP_WRITE(77h)
b. ESP_WRITE(length.low)
c. ESP_WRITE(length.high)
Length = # of byte transfer - 1
ESP will generate an interrupt after the specified size of data transferred.
*7Ah
4:1 ADPCM 2 to 8 bit continuous DMA output
ESP_WRITE(7Ah)
ESP will generate an interrupt for every specified block size transferred.
*7Bh
first 4:1 ADPCM 2 to 8 bit continuous DMA output
ESP_WRITE(7Bh)
ESP will generate an interrupt for every specified block size transferred.
7Ch
2:1 ADPCM 4 to 8 bit continuous DMA output
ESP_WRITE(7Ch)
ESP will generate an interrupt for every specified block size transferred.
7Dh
first 2:1 ADPCM 4 to 8 bit continuous DMA output
ESP_WRITE(7Dh)
ESP will generate an interrupt for every specified block size transferred.
7Eh
3:1 ADPCM 2.6 to 8 bit continuous DMA output
ESP_WRITE(7Eh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com