Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 38Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 39Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 40Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 41Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 42Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 43Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 44Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 45Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
Avance Logic Inc.
ALS300
42
Appendix C : PCM Data Format
Digitized Sound Data Format And Order:
Length
Format
Min value
Mid value
Max value
8 Bit
Unsigned
00h
80h
FFh
8 Bit
Signed
80h
00h
7Fh
16 Bit
Unsigned
0000h
8000h
FFFFh
16 Bit
Signed
8000h
0000h
7FFFh
PCM Sample Order:
z 8 Bit Mono
Byte No.
N
N+1
N+2
N+3
N+4
Sample
PCM 0
PCM 1
PCM 2
PCM 3
PCM 4
z 8 Bit Stereo With 1Xh And 9Xh Type Command
Byte No.
2N
2N+1
2N+2
2N+3
2N+4
Sample
PCM0.R
PCM0.L
PCM1.R
PCM1.L
PCM2.R
z 8 Bit Stereo With Cxh Type Command
Byte No.
2N
2N+1
2N+2
2N+3
2N+4
Sample
PCM0.L
PCM0.R
PCM1.L
PCM1.R
PCM2.L
z 16 Bit Mono
Byte No.
2N
2N+1
2N+2
2N+3
2N+4
Sample
PCM0.LOW PCM0.HIGH PCM1.LOW PCM1.HIGH PCM2.LOW
z 16 Bit Stereo
Byte No.
4N
4N+1
4N+2
4N+3
4N+4
Sample
PCM0.L.Low PCM0.L.High PCM0.R.Low PCM0.R.High PCM1.L.Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com