Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 52Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 53Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 54Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 55Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 56Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 57Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 58Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 59Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
Avance Logic Inc.
ALS300
56
Index : 00-01h
Read only
Bit 15~8
40h (Vendor ID high byte)
Bit 7~0
05h (Vendor ID low byte)
Device ID register :
Index : 02-03h
Read only
Bit 15~8
03h (Device ID high byte)
Bit 7~0
00h (Device ID low byte)
Command register :
Default 00h
Index : 04-05h
R/W
Bit 2~0
0
Disable
1Enable
Bit 15~3
Reserved, read as 0
Bit 2
Bus Master enable
Bit 1
Memory access enable
Bit 0
IO access enable
Write PCI configuration register indexed 04h will reset ALS300 bus master.
Status register :
Index : 06-07h
Read only
Default 00h
Read :
Bit 15~11
Reserved ,read as 0
Bit 10,9
DEVSEL# Timing
Read as 01 (Medium Timing)
Bit 8
Data Parity Reported
0
Normal
1
Data parity error detected
Bit 7~0
Reserved, read as 0
Write one bit with 1 will clear this bit.
Class code register :
Index : 09~0Bh Read only
Read as 040100h (Multimedia Audio Device)
Latency Timer Register :
Index: 0Dh
R/W
Default : 00h
Bit 7~4
No. of PCI clock that ALS300 retain ownership of bus.
Bit 3~0
Reserved , read as 0
Base Address Register 0 : (IO SPACE 0)
Index : 10~13h
R/W
Default : 0001h
Bit 0
Read as 1 (IO base address indicator)
Bit 4~1
Reserved, read as 0
Bit 31~5
IOBASE bit 31~5 (32-bytes IO space)
Base Address Register 1 : (Memory Space)
Index
14~17h R/W
Default : 0000h
Bit 20~0
Read as 0
Bit 31~21
DRAMBASE bit 31~21 (2M bytes)
Subsystem Vendor ID :
Index : 2C~2Dh Read only
Default : 4005h
Bit 15~0Subsystem Vendor ID
If external E
2PROM is enabled, subsystem vendor ID will be load from
E
2PROM after reset.
Subsystem ID :
Index : 2E~2Fh Read only
Default : 0000h
Bit 15~0Subsystem ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com