Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 34Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 35Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 36Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 37Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 38Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 39Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 40Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 41Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
Avance Logic Inc.
ALS300
38
Bit 0
X
reserved
FIFO will reset when ESP receives any digital audio I/O command.
FIFO is always on.
a. ESP_WRITE(CXh)
b. ESP_WRITE(mode)
c. ESP_WRITE(length.low)
d. ESP_WRITE(length.high)
Mode
Bit 7
X
reserved
Bit 6
X
reserved
Bit 5
0
MONO
1stereo
Bit 4
0
unsigned (0--80h--FFh)
1
signed (80h--0--7Fh)
Bit 3
X
reserved
Bit 2
X
reserved
Bit 1
X
reserved
Bit 0
X
reserved
Length = # of 8 bit sample -1
ESP will generate an interrupt after the specified size of data transferred (if non-continuous) or every
block(if continuous).
Control DMA And Digital Audio
DXh
D0h
pause non BX type DMA transfer
ESP_WRITE(D0h)
The DMA request is stopped after this command. Internal FIFO will continue until the FIFO is empty
(playback) or full (record). The DMA request will resume after command D4h or any of new DMA
command is issued.
D1h
turn digital audio on
ESP_WRITE(D1h)
Set digital audio status flag for D8h command.
D3h
turn digital audio off
ESP_WRITE(D3h)
Reset digital audio status flag for D8h command.
Audio status flag is reset after system reset or ESP_RESET().
D4h
resume non BX type DMA transfer
ESP_WRITE(D4h)
The DMA request that is suspended by the command D0h is enable again. The internal FIFO is working
as usual in pause or resume DMA mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com