Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 39Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 40Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 41Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 42Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 43Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 44Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 45Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 46Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
Avance Logic Inc.
ALS300
43
Appendix D : ESP/MPU401 Programming Guide
ESP Procedure:
ESP Read Data Procedure:
ESP_READ(return_byte)
1.
If I/O read(ESP-RD-STATUS) bit 7 = 1 goto 2 else 1
2.
Return_byte = I/O read(ESP-READ-DATA)
ESP Write Procedure:
ESP_WRITE(command/data)
1.
If I/O read(ESP-WR-STATUS) bit7 = 0 goto 2 else 1
2.
I/O write(ESP-COMMAND/DATA, command/data)
ESP Reset Procedure:
ESP_RESET( )
1.
I/O write(ESP-RESET-PORT, 1), and wait 3 us
2.
I/O write(ESP-RESET-PORT, 0)
3.
ESP_READ(status), if status = AAh goto 4 else 3
4.
End of reset
You can use ESP_RESET() procedure to immediately terminate the special DMA transfer.
Digitized Sound Transfer Method:
1.
Direct Mode
ESP is programmed to do audio input/output on each command. All delay time is controlled by CPU
delay loop or timer interrupt. Only 8 bit mono input/output is supported.
Output:
a. ESP_WRITE(10h)
b. ESP_WRITE(next 8 bit mono PCM)
c. Wait until next sample time, goto a.
2.
DMA Mode
2.1
Normal DMA Mode
ESP is programmed to make one transfer with a specified block size. At the end of transfer, the ESP will
generate an interrupt and wait for next command.
2.2
Continuous DMA Mode
ESP is programmed to make continuous transfer to/from CODEC. After each transfer of a specified
block size, ESP will generate an interrupt and continue the next transfer of the same block size after the
interrupt is acknlwoedged.
There are two ways to terminate continuous DMA mode transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com