Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 40Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 41Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 42Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 43Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 44Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 45Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 46Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 47Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
Avance Logic Inc.
ALS300
44
1.Program ESP to switch to normal DMA mode transfer. At the end of the current DMA
transfer, ESP will exit from continuous DMA mode and continue to transfer using the
specified normal DMA mode.
2.Send the exit continuous command. The ESP will exit continuous DMA mode at the end of
current block and terminate the transfer.
2.3
Special DMA Mode
Once ESP is in the special DMA mode, it will not accept any further commands or data until the DMA
mode is terminated by
Either
1. Non-continuous special DMA mode will exit special DMA mode automatically at the end of
transfer.
Or
2. For continuous special DMA mode, a ESP_RESET() is needed to exit special DMA mode.
The ESP_RESET() will only stop special DMA transfer, all other parameters remain the same.
I/O Transfer Rate Setup:
Either
1. Sound Blaster Pro (time constant)
Time constant = 256d - (1,000,000d / ( channel * sampling rate))
Channel = 1 for mono or BX,CX type DMA command, 2 for stereo
a. ESP_WRITE(40h)
b. ESP_WRITE(time constant)
Or
2. Sound Blaster 16 (sampling frequency)
Output:
a. ESP_WRITE(41h)
b. ESP_WRITE(frequency.high)
c. ESP_WRITE(frequency.low)
Sampling frequency = 4 KHz to 48 KHz, either mono or stereo
MPU-401 MIDI Programming:
1. MPU-401 pass-thru mode
After reset, midi is in pass-thru mode. MIDIIN data is directly connected to MIDIOUT data.
Any write to midi-data will be ignored. MIDI-COMMAND will support either MIDI_RESET (0FFh) or
ENTER_UART (03Fh).
Both command will return with interrupt and acknowledge byte (0FEh).
2. MPU-401 UART mode
After enter UART mode, all write to midi-data will go to MIDIOUT FIFO, any MIDIIN data will go to
MIDIIN FIFO. (In Special MIDI mode, any write to MIDI-DATA will go to MIDIOUT RAM)
MIDI-STATUS bit 7 = MIDIIN FIFO empty.
MIDI-STATUS bit 6 = MIDIOUT FIFO full + MIDIOUT FIFO not empty when MIDI_RESET
MIDI-STATUS bit 5 = MIDIOUT RAM full
MIDI INTERRUPT =( MIDIIN FIFO not empty & not I/O read(MIDI-DATA))
or (MIDIOUT RAM is not empty in special MPU401 mode)
To end the UART mode, send MIDI_RESET (0FFh) to midi-command port. MIDIIN FIFO will be
flushed, any data in MIDIOUT FIFO/MIDIOUT RAM will be output. When both FIFO are empty,
MPU-401 will enter pass-thru mode .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com