Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 9Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 10Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 11Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 12Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 13Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 14Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 15Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 16Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
Avance Logic Inc.
ALS300
13
1
1
external line-in (MX3D = 10h, MX3E = 08h)
Write to input source will update MX3D and MX3E input mixer left/right control register and 2 dummy
bits. Read from input source register will return 2 dummy bits.
MX0E
digital audio output control
Default 00h
Bit 7,6
reserved
Bit 5
output filter enable
Bit 4..2
reserved
Bit 1
stereo switch
Bit 0
reserved
Output filter enable is dummy read/write bit for Sound Blaster Pro compatibility.
Output filter enable: 0 - output low-pass filter on, 1 - off
Stereo switch: 1 - stereo output, 0 - mono output
Stereo switch is not used in ESP command BXh and CXh.
MX22
master left/right volume
Ghost register
Write
Bit 7
MX30.7
Bit 6
MX30.6
Bit 5
MX30.5
Bit 4
MX30.4
Bit 3
MX31.7
Bit 2
MX31.6
Bit 1
MX31.5
Bit 0
MX31.4
Bit 7
MX30.3
Bit 3
MX31.3
Read
Bit 7
MX30.7
Bit 6
MX30.6
Bit 5
MX30.5
Bit 4
MX30.4
Bit 3
MX31.7
Bit 2
MX31.6
Bit 1
MX31.5
Bit 0
MX31.4
Bit 7..4
0 to 15, master left volume in 3 dB step
Bit 3..0
0 to 15, master right volume in 3 dB step
0
-45 dB (off)
15
0 dB (maximum volume)
MX24
digital audio left/right volume
Same as MX04
MX26
music left/right volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com