Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 242Page - Renesas Technology Corp HD64F36049 Datasheet HTML 243Page - Renesas Technology Corp HD64F36049 Datasheet HTML 244Page - Renesas Technology Corp HD64F36049 Datasheet HTML 245Page - Renesas Technology Corp HD64F36049 Datasheet HTML 246Page - Renesas Technology Corp HD64F36049 Datasheet HTML 247Page - Renesas Technology Corp HD64F36049 Datasheet HTML 248Page - Renesas Technology Corp HD64F36049 Datasheet HTML 249Page - Renesas Technology Corp HD64F36049 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 562 page
background image
Section 14 Timer Z
Rev. 3.00 Mar. 15, 2006 Page 214 of 526
REJ09B0060-0300
• Eleven interrupt sources
 Four compare match/input capture interrupts and an overflow interrupt are available for
each channel. An underflow interrupt can be set for channel 1.
Table 14.1
Timer Z Functions
Item
Channel 0
Channel 1
Count clock
Internal clocks:
φ, φ/2, φ/4, φ/8
External clock: FTIOA0 (TCLK)
General registers
(output compare/input
capture registers)
GRA_0, GRB_0, GRC_0, GRD_0 GRA_1, GRB_1, GRC_1, GRD_1
Buffer register
GRC_0, GRD_0
GRC_1, GRD_1
I/O pins
FTIOA0, FTIOB0, FTIOC0,
FTIOD0
FTIOA1, FTIOB1, FTIOC1,
FTIOD1
Counter clearing function
Compare match/input capture of
GRA_0, GRB_0, GRC_0, or
GRD_0
Compare match/input capture of
GRA_1, GRB_1, GRC_1, or
GRD_1
0 output
Yes
Yes
1 output
Yes
Yes
Compare
match output
output
Yes
Yes
Input capture function
Yes
Yes
Synchronous operation
Yes
Yes
PWM mode
Yes
Yes
Reset synchronous PWM
mode
Yes
Yes
Complementary PWM
mode
Yes
Yes
Buffer function
Yes
Yes
Interrupt sources
Compare match/input capture A0
to D0
Overflow
Compare match/input capture A1
to D1
Overflow
Underflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com