Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 244 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 240Page - Renesas Technology Corp HD64F36049 Datasheet HTML 241Page - Renesas Technology Corp HD64F36049 Datasheet HTML 242Page - Renesas Technology Corp HD64F36049 Datasheet HTML 243Page - Renesas Technology Corp HD64F36049 Datasheet HTML 244Page - Renesas Technology Corp HD64F36049 Datasheet HTML 245Page - Renesas Technology Corp HD64F36049 Datasheet HTML 246Page - Renesas Technology Corp HD64F36049 Datasheet HTML 247Page - Renesas Technology Corp HD64F36049 Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 562 page
background image
Section 13 Timer W
Rev. 3.00 Mar. 15, 2006 Page 212 of 526
REJ09B0060-0300
5. The TOA to TOD bits in TCRW decide the value of the FTIO pin, which is output until the
first compare match occurs. Once a compare match occurs and this compare match changes the
values of FTIOA to FTIOD output, the values of the FTIOA to FTIOD pin output and the
values read from the TOA to TOD bits may differ. Moreover, when the writing to TCRW and
the generation of the compare match A to D occur at the same timing, the writing to TCRW
has the priority. Thus, output change due to the compare match is not reflected to the FTIOA
to FTIOD pins. Therefore, when bit manipulation instruction is used to write to TCRW, the
values of the FTIOA to FTIOD pin output may result in an unexpected result. When TCRW is
to be written to while compare match is operating, stop the counter once before accessing to
TCRW, read the port 8 state to reflect the values of FTIOA to FTIOD output, to TOA to TOD,
and then restart the counter. Figure 13.26 shows an example when the compare match and the
bit manipulation instruction to TCRW occur at the same timing.
Compare match
signal B
φ
FTIOB pin
TCRW
write signal
Set value
Bit
TCRW
00
0
0
0110
76
5
4
3210
CCLR
CKS2
CKS1
CKS0
TOD
TOC
TOB
TOA
Expected
output
Remains high because the 1 writing to TOB has priority
TOCR has been set to H'06. Compare match B and compare match C are used.
The FTIOB pin is in the 1 output state, and is set to the toggle output or the 0 output by compare match B.
When BCLR#2, @TOCR is executed to clear the TOC bit (the FTIOC0 signal is low) and compare match B
occurs at the same timing as shown below, the H'02 writing to TOCR has priority and compare match B
does not drive the FTIOB signal low; the FTIOB signal remains high.
BCLR#2, @TCRW
(1) TCRW read operation: Read H'06
(2) Modify operation: Modify H'06 to H'02
(3) Write operation to TOCR: Write H'02
Figure 13.26 When Compare Match and Bit Manipulation Instruction to TCRW
Occur at the Same Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com