Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 241Page - Renesas Technology Corp HD64F36049 Datasheet HTML 242Page - Renesas Technology Corp HD64F36049 Datasheet HTML 243Page - Renesas Technology Corp HD64F36049 Datasheet HTML 244Page - Renesas Technology Corp HD64F36049 Datasheet HTML 245Page - Renesas Technology Corp HD64F36049 Datasheet HTML 246Page - Renesas Technology Corp HD64F36049 Datasheet HTML 247Page - Renesas Technology Corp HD64F36049 Datasheet HTML 248Page - Renesas Technology Corp HD64F36049 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 562 page
background image
Section 14 Timer Z
Rev. 3.00 Mar. 15, 2006 Page 213 of 526
REJ09B0060-0300
Section 14 Timer Z
The timer Z has a 16-bit timer with two channels. Figures 14.1, 14.2, and 14.3 show the block
diagrams of entire timer Z, its channel 0, and its channel 1, respectively. For details on the timer Z
functions, see table 14.1.
14.1
Features
• Capability to process up to eight inputs/outputs
• Eight general registers (GR): four registers for each channel
 Independently assignable output compare or input capture functions
• Selection of five counter clock sources: four internal clocks (φ, φ/2, φ/4, and φ/8) and an
external clock
• Seven selectable operating modes
 Output compare function
Selection of 0 output, 1 output, or toggle output
 Input capture function
Rising edge, falling edge, or both edges
 Synchronous operation
Timer counters_0 and _1 (TCNT_0 and TCNT_1) can be written simultaneously.
Simultaneous clearing by compare match or input capture is possible.
 PWM mode
Up to six-phase PWM output can be provided with desired duty ratio.
 Reset synchronous PWM mode
Three-phase PWM output for normal and counter phases
 Complementary PWM mode
Three-phase PWM output for non-overlapped normal and counter phases
The A/D conversion start trigger can be set for PWM cycles.
 Buffer operation
The input capture register can be consisted of double buffers.
The output compare register can automatically be modified.
• High-speed access by the internal 16-bit bus
 16-bit TCNT and GR registers can be accessed in high speed by a 16-bit bus interface
• Any initial timer output value can be set
• Output of the timer is disabled by external trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com