Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 238Page - Renesas Technology Corp HD64F36049 Datasheet HTML 239Page - Renesas Technology Corp HD64F36049 Datasheet HTML 240Page - Renesas Technology Corp HD64F36049 Datasheet HTML 241Page - Renesas Technology Corp HD64F36049 Datasheet HTML 242Page - Renesas Technology Corp HD64F36049 Datasheet HTML 243Page - Renesas Technology Corp HD64F36049 Datasheet HTML 244Page - Renesas Technology Corp HD64F36049 Datasheet HTML 245Page - Renesas Technology Corp HD64F36049 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 562 page
background image
Section 13 Timer W
Rev. 3.00 Mar. 15, 2006 Page 210 of 526
REJ09B0060-0300
13.6
Usage Notes
The following types of contention or operation can occur in timer W operation.
1. The pulse width of the input clock signal and the input capture signal must be at least two
system clock (
φ) cycles; shorter pulses will not be detected correctly.
2. Writing to registers is performed in the T2 state of a TCNT write cycle.
If counter clear signal occurs in the T2 state of a TCNT write cycle, clearing of the counter
takes priority and the write is not performed, as shown in figure 13.24. If counting-up is
generated in the TCNT write cycle to contend with the TCNT counting-up, writing takes
precedence.
3. Depending on the timing, TCNT may be incremented by a switch between different internal
clock sources. When TCNT is internally clocked, an increment pulse is generated from the
rising edge of an internal clock signal, that is divided system clock (
φ). Therefore, as shown in
figure 13.25 the switch is from a low clock signal to a high clock signal, the switchover is seen
as a rising edge, causing TCNT to increment.
4. If timer W enters module standby mode while an interrupt request is generated, the interrupt
request cannot be cleared. Before entering module standby mode, disable interrupt requests.
Counter clear
signal
Write signal
Address
φ
TCNT address
TCNT
TCNT write cycle
T
1
T
2
N
H'0000
Figure 13.24 Contention between TCNT Write and Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com