Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 265Page - Renesas Technology Corp HD64F36049 Datasheet HTML 266Page - Renesas Technology Corp HD64F36049 Datasheet HTML 267Page - Renesas Technology Corp HD64F36049 Datasheet HTML 268Page - Renesas Technology Corp HD64F36049 Datasheet HTML 269Page - Renesas Technology Corp HD64F36049 Datasheet HTML 270Page - Renesas Technology Corp HD64F36049 Datasheet HTML 271Page - Renesas Technology Corp HD64F36049 Datasheet HTML 272Page - Renesas Technology Corp HD64F36049 Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 562 page
background image
Section 14 Timer Z
Rev. 3.00 Mar. 15, 2006 Page 237 of 526
REJ09B0060-0300
14.4
Operation
14.4.1
Counter Operation
When one of bits STR0 and STR1 in TSTR is set to 1, the TCNT counter for the corresponding
channel begins counting. TCNT can operate as a free-running counter, periodic counter, for
example. Figure 14.7 shows an example of the counter operation setting procedure.
[1]
Select the counter clock with bits
TPSC2 to TPSC0 in TCR.
When an external clock is selected,
select the external clock edge
with bits CKEG1 and CKEG0 in TCR.
[2]
For periodic counter operation, select
the TCNT clearing source with bits
CCLR2 to CCLR0 in TCR.
[3]
Designate the general register
selected in [2]
as an output compare register by
means of TIOR.
[4]
Set the periodic counter cycle in the
general register selected in [2].
[5]
Set the STR bit in TSTR to 1 to start
the counter operation.
Operation selection
Periodic counter
Free-running counter
[1]
Select counter clock
[2]
Select counter clearing source
[3]
Select output compare register
[5]
Start count operation
[4]
Set period
Figure 14.7 Example of Counter Operation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com