Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 200Page - Renesas Technology Corp HD64F36024 Datasheet HTML 201Page - Renesas Technology Corp HD64F36024 Datasheet HTML 202Page - Renesas Technology Corp HD64F36024 Datasheet HTML 203Page - Renesas Technology Corp HD64F36024 Datasheet HTML 204Page - Renesas Technology Corp HD64F36024 Datasheet HTML 205Page - Renesas Technology Corp HD64F36024 Datasheet HTML 206Page - Renesas Technology Corp HD64F36024 Datasheet HTML 207Page - Renesas Technology Corp HD64F36024 Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 384 page
background image
Section 13 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Sep. 23, 2005 Page 178 of 354
REJ09B0025-0400
13.3.1
Receive Shift Register (RSR)
RSR is a shift register that is used to receive serial data input from the RXD pin and convert it into
parallel data. When one frame of data has been received, it is transferred to RDR automatically.
RSR cannot be directly accessed by the CPU.
13.3.2
Receive Data Register (RDR)
RDR is an 8-bit register that stores received data. When the SCI3 has received one frame of serial
data, it transfers the received serial data from RSR to RDR, where it is stored. After this, RSR is
receive-enabled. As RSR and RDR function as a double buffer in this way, continuous receive
operations are possible. After confirming that the RDRF bit in SSR is set to 1, read RDR only
once. RDR cannot be written to by the CPU. RDR is initialized to H'00.
13.3.3
Transmit Shift Register (TSR)
TSR is a shift register that transmits serial data. To perform serial data transmission, the SCI3 first
transfers transmit data from TDR to TSR automatically, then sends the data that starts from the
LSB to the TXD pin
. TSR cannot be directly accessed by the CPU.
13.3.4
Transmit Data Register (TDR)
TDR is an 8-bit register that stores data for transmission. When the SCI3 detects that TSR is
empty, it transfers the transmit data written in TDR to TSR and starts transmission. The double-
buffered structure of TDR and TSR enables continuous serial transmission. If the next transmit
data has already been written to TDR during transmission of one-frame data, the SCI3 transfers
the written data to TSR to continue transmission. To achieve reliable serial transmission, write
transmit data to TDR only once after confirming that the TDRE bit in SSR is set to 1. TDR is
initialized to H'FF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com