Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 203Page - Renesas Technology Corp HD64F36024 Datasheet HTML 204Page - Renesas Technology Corp HD64F36024 Datasheet HTML 205Page - Renesas Technology Corp HD64F36024 Datasheet HTML 206Page - Renesas Technology Corp HD64F36024 Datasheet HTML 207Page - Renesas Technology Corp HD64F36024 Datasheet HTML 208Page - Renesas Technology Corp HD64F36024 Datasheet HTML 209Page - Renesas Technology Corp HD64F36024 Datasheet HTML 210Page - Renesas Technology Corp HD64F36024 Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 384 page
background image
Section 13 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Sep. 23, 2005 Page 181 of 354
REJ09B0025-0400
Bit
Bit Name
Initial
Value
R/W
Description
3
MPIE
0
R/W
Multiprocessor Interrupt Enable (enabled only when the
MP bit in SMR is 1 in asynchronous mode)
When this bit is set to 1, receive data in which the
multiprocessor bit is 0 is skipped, and setting of the
RDRF, FER, and OER status flags in SSR is disabled.
On receiving data in which the multiprocessor bit is 1, this
bit is automatically cleared and normal reception is
resumed. For details, refer to section 13.6, Multiprocessor
Communication Function.
2
TEIE
0
R/W
Transmit End Interrupt Enable
When this bit is set to 1, TEI interrupt request is enabled.
1
0
CKE1
CKE0
0
0
R/W
R/W
Clock Enable 0 and 1
Selects the clock source.
• Asynchronous mode
00: On-chip baud rate generator
01: On-chip baud rate generator
Outputs a clock of the same frequency as the bit rate
from the SCK3 pin.
10: External clock
Inputs a clock with a frequency 16 times the bit rate
from the SCK3 pin.
11:Reserved
• Clocked synchronous mode
00: On-chip clock (SCK3 pin functions as clock output)
01:Reserved
10: External clock (SCK3 pin functions as clock input)
11:Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com