Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 206Page - Renesas Technology Corp HD64F36024 Datasheet HTML 207Page - Renesas Technology Corp HD64F36024 Datasheet HTML 208Page - Renesas Technology Corp HD64F36024 Datasheet HTML 209Page - Renesas Technology Corp HD64F36024 Datasheet HTML 210Page - Renesas Technology Corp HD64F36024 Datasheet HTML 211Page - Renesas Technology Corp HD64F36024 Datasheet HTML 212Page - Renesas Technology Corp HD64F36024 Datasheet HTML 213Page - Renesas Technology Corp HD64F36024 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 384 page
background image
Section 13 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Sep. 23, 2005 Page 184 of 354
REJ09B0025-0400
13.3.8
Bit Rate Register (BRR)
BRR is an 8-bit register that adjusts the bit rate. The initial value of BRR is H'FF. Table 13.3
shows the relationship between the N setting in BRR and the n setting in bits CKS1 and CKS0 of
SMR in asynchronous mode. Table 13.4 shows the maximum bit rate for each frequency in
asynchronous mode. The values shown in both tables 13.3 and 13.4 are values in active (high-
speed) mode. Table 13.5 shows the relationship between the N setting in BRR and the n setting in
bits CKS1 and CKS0 of SMR in clocked synchronous mode. The values shown in table 13.5 are
values in active (high-speed) mode. The N setting in BRR and error for other operating
frequencies and bit rates can be obtained by the following formulas:
[Asynchronous Mode]
N =
φ
64
× 22n–1 × B
× 106 – 1
Error (%) =
– 1
× 100
φ × 106
(N + 1)
× B × 64 × 22n–1
[Clocked Synchronous Mode]
N =
φ
8
× 22n–1 × B
× 106 – 1
[Legend]
B: Bit rate (bit/s)
N: BRR setting for baud rate generator (0
≤ N ≤ 255)
φ: Operating frequency (MHz)
n: CSK1 and CSK0 settings in SMR (0
≤ n ≤ 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com