Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 204Page - Renesas Technology Corp HD64F36024 Datasheet HTML 205Page - Renesas Technology Corp HD64F36024 Datasheet HTML 206Page - Renesas Technology Corp HD64F36024 Datasheet HTML 207Page - Renesas Technology Corp HD64F36024 Datasheet HTML 208Page - Renesas Technology Corp HD64F36024 Datasheet HTML 209Page - Renesas Technology Corp HD64F36024 Datasheet HTML 210Page - Renesas Technology Corp HD64F36024 Datasheet HTML 211Page - Renesas Technology Corp HD64F36024 Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 384 page
background image
Section 13 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Sep. 23, 2005 Page 182 of 354
REJ09B0025-0400
13.3.7
Serial Status Register (SSR)
SSR is a register containing status flags of the SCI3 and multiprocessor bits for transfer. 1 cannot
be written to flags TDRE, RDRF, OER, PER, and FER; they can only be cleared.
Bit
Bit Name
Initial
Value
R/W
Description
7
TDRE
1
R/W
Transmit Data Register Empty
Indicates whether TDR contains transmit data.
[Setting conditions]
• When the TE bit in SCR3 is 0
• When data is transferred from TDR to TSR
[Clearing conditions]
• When 0 is written to TDRE after reading TDRE = 1
• When the transmit data is written to TDR
6
RDRF
0
R/W
Receive Data Register Full
Indicates that the received data is stored in RDR.
[Setting condition]
• When serial reception ends normally and receive data
is transferred from RSR to RDR
[Clearing conditions]
• When 0 is written to RDRF after reading RDRF = 1
• When data is read from RDR
5
OER
0
R/W
Overrun Error
[Setting condition]
• When an overrun error occurs in reception
[Clearing condition]
• When 0 is written to OER after reading OER = 1
4
FER
0
R/W
Framing Error
[Setting condition]
• When a framing error occurs in reception
[Clearing condition]
• When 0 is written to FER after reading FER = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com