Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 98Page - Renesas Technology Corp SH7101 Datasheet HTML 99Page - Renesas Technology Corp SH7101 Datasheet HTML 100Page - Renesas Technology Corp SH7101 Datasheet HTML 101Page - Renesas Technology Corp SH7101 Datasheet HTML 102Page - Renesas Technology Corp SH7101 Datasheet HTML 103Page - Renesas Technology Corp SH7101 Datasheet HTML 104Page - Renesas Technology Corp SH7101 Datasheet HTML 105Page - Renesas Technology Corp SH7101 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 486 page
background image
6. Interrupt Controller (INTC)
Rev.2.00 Sep. 27, 2007 Page 68 of 448
REJ09B0394-0200
6.2
Input/Output Pins
Table 6.1 shows the INTC pin configuration.
Table 6.1
Pin Configuration
Name
Abbreviation
I/O
Function
Non-maskable interrupt input pin
NMI
I
Input of non-maskable interrupt
request signal
Interrupt request input pins
IRQ0 to IRQ3
I
Input of maskable interrupt request
signals
Interrupt request output pin
IRQOUT
O
Output of notification signal when an
interrupt has occurred
6.3
Register Descriptions
The interrupt controller has the following registers. For details on register addresses and register
states during each processing, refer to section 18, List of Registers.
• Interrupt control register 1 (ICR1)
• Interrupt control register 2 (ICR2)
• IRQ status register (ISR)
• Interrupt priority register A (IPRA)
• Interrupt priority register D (IPRD)
• Interrupt priority register E (IPRE)
• Interrupt priority register F (IPRF)
• Interrupt priority register G (IPRG)
• Interrupt priority register H (IPRH)
• Interrupt priority register I (IPRI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com