Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 100Page - Renesas Technology Corp SH7101 Datasheet HTML 101Page - Renesas Technology Corp SH7101 Datasheet HTML 102Page - Renesas Technology Corp SH7101 Datasheet HTML 103Page - Renesas Technology Corp SH7101 Datasheet HTML 104Page - Renesas Technology Corp SH7101 Datasheet HTML 105Page - Renesas Technology Corp SH7101 Datasheet HTML 106Page - Renesas Technology Corp SH7101 Datasheet HTML 107Page - Renesas Technology Corp SH7101 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 486 page
background image
6. Interrupt Controller (INTC)
Rev.2.00 Sep. 27, 2007 Page 70 of 448
REJ09B0394-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
IRQ3S
0
R/W
IRQ3 Sense Select
This bit sets the IRQ3 interrupt request detection mode.
0: Interrupt request is detected on low level of IRQ3 input
1: Interrupt request is detected on edge of IRQ3 input
(edge direction is selected by ICR2)
3 to 0
⎯
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
6.3.2
Interrupt Control Register 2 (ICR2)
ICR2 is a 16-bit register that sets the edge detection mode of the external interrupt input pins
IRQ0
to
IRQ3. ICR2 is, however, valid only when IRQ interrupt request detection mode is set to the
edge detection mode by the sense select bits of IRQ0 to IRQ 3 in Interrupt control register 1
(ICR1). If the IRQ interrupt request detection mode has been set to low level detection mode, the
setting of ICR2 is ignored.
Bit
Bit Name
Initial
Value
R/W
Description
15
14
IRQ0ES1
IRQ0ES0
0
0
R/W
R/W
This bit sets the IRQ0 interrupt request edge detection
mode.
00: Interrupt request is detected on falling edge of
IRQ0
input
01: Interrupt request is detected on rising edge of
IRQ0
input
10: Interrupt request is detected on both of falling and
rising edge of
IRQ0 input
11: Cannot be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com