Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 135Page - Renesas Technology Corp 3886 Datasheet HTML 136Page - Renesas Technology Corp 3886 Datasheet HTML 137Page - Renesas Technology Corp 3886 Datasheet HTML 138Page - Renesas Technology Corp 3886 Datasheet HTML 139Page - Renesas Technology Corp 3886 Datasheet HTML 140Page - Renesas Technology Corp 3886 Datasheet HTML 141Page - Renesas Technology Corp 3886 Datasheet HTML 142Page - Renesas Technology Corp 3886 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 380 page
background image
2-22
3886 Group User’s Manual
APPLICATION
2.2 Interrupt
2.2.8 Notes on interrupts
(1)
Switching external interrupt detection edge
When switching the external interrupt detection edge, switch it in the following sequence.
Clear an interrupt enable bit to “0” (interrupt disabled)
↓
Switch the detection edge
↓
Clear an interrupt request bit to “0”
(no interrupt request issued)
↓
Set the interrupt enable bit to “1” (interrupt enabled)
Fig. 2.2.17 Sequence of switching detection edge
s Reason
The interrupt circuit recognizes the switching of the detection edge as the change of external input
signals. This may cause an unnecessary interrupt.
(2)
Check of interrupt request bit
q When executing the BBC or BBS instruction to an interrupt request bit of an interrupt request
register immediately after this bit is set to “0” by using a data transfer instruction, execute one or
more instructions before executing the BBC or BBS instruction.
Clear the interrupt request bit to “0” (no interrupt issued)
↓
NOP (one or more instructions)
↓
Execute the BBC or BBS instruction
Data transfer instruction:
LDM, LDA, STA, STX, and STY instructions
Fig. 2.2.18 Sequence of check of interrupt request bit
s Reason
If the BBC or BBS instruction is executed immediately after an interrupt request bit of an interrupt
request register is cleared to “0”, the value of the interrupt request bit before being cleared to “0”
is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com