Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 134Page - Renesas Technology Corp 3886 Datasheet HTML 135Page - Renesas Technology Corp 3886 Datasheet HTML 136Page - Renesas Technology Corp 3886 Datasheet HTML 137Page - Renesas Technology Corp 3886 Datasheet HTML 138Page - Renesas Technology Corp 3886 Datasheet HTML 139Page - Renesas Technology Corp 3886 Datasheet HTML 140Page - Renesas Technology Corp 3886 Datasheet HTML 141Page - Renesas Technology Corp 3886 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-21
2.2 Interrupt
(2)
Relevant registers setting
Figure 2.2.16 shows the relevant registers setting (corresponding to Figure 2.2.15).
Fig. 2.2.16 Registers setting relevant to key input interrupt (corresponding to Figure 2.2.15)
(3)
Key input interrupt source selection
When using a key input interrupt source, select which of the following by the interrupt source
selection register (address 3916).
•CNTR0 or key-on wake-up (bit 6)
•A-D converter or key-on wake-up (bit 7)
P3D
0
10
1
IREQ2
b0
b7
b0
b7
Key-on wake-up interrupt request (Note 2)
Port P3 direction register (address 0716)
Bits corresponding to P37 to P30
Interrupt request register 2 (address 3D16)
1
PCTL1
1
b0
b7
Port control register 1 (address 2E16)
P30 to P33 pull-up
10
0
INTSEL
b0
b7
Interrupt source selection register (address 3916)
Key-on wake-up interrupt
N ote
1
N ote
2
N ote
2
N ote
1
ICON2
b0
b7
Interrupt control register 2 (address 3F16)
N ote
3
N ote
3
0
Key-on wake-up interrupt: Enabled (Note 3)
Notes 1: Set “1” to the bit which is selected as the key-on wake-up interrupt source from either b7 or b6
of the interrupt source selection register. Do not set “1” to these bits simultaneously. (When
setting “1” to b6, set “0” to b7. When setting “0” to b6, set “1” to b7.)
2: When setting “1” to b7 of the interrupt source selection register, set “0” to b6 of the interrupt
request register 2. When setting “1” to b6 of the interrupt source selection register, set “0” to
b1 of the interrupt request register 2.
3: When setting “1” to b7 of the interrupt source selection register, set “1” to b6 of the interrupt
control register 2. When setting “1” to b6 of the interrupt source selection register, set “1” to b1
of the interrupt control register 2.
0: Input port
1: Output port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com