Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 133Page - Renesas Technology Corp 3886 Datasheet HTML 134Page - Renesas Technology Corp 3886 Datasheet HTML 135Page - Renesas Technology Corp 3886 Datasheet HTML 136Page - Renesas Technology Corp 3886 Datasheet HTML 137Page - Renesas Technology Corp 3886 Datasheet HTML 138Page - Renesas Technology Corp 3886 Datasheet HTML 139Page - Renesas Technology Corp 3886 Datasheet HTML 140Page - Renesas Technology Corp 3886 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 380 page
background image
2-20
3886 Group User’s Manual
APPLICATION
2.2 Interrupt
2.2.7 Key input interrupt
A key input interrupt request is generated by applying “L” level to any port P3 pin that has been set to the
input mode. In other words, it is generated when AND of the input level goes from “1” to “0”.
(1)
Connection example when Key input interrupt is used
When using the Key input interrupt, compose an active-low key matrix which inputs to port P3. Figure
2.2.15 shows a connection example and the port P3 block diagram when using a key input interrupt.
In the connection example in Figure 2.2.15, a key input interrupt request is generated by pressing
one of the keys corresponding to ports P30 to P33.
Fig. 2.2.15 Connection example and port P3 block diagram when using key input interrupt
✻
✻✻
✻
✻✻
✻
✻✻
✻
✻✻
✻
✻✻
✻
✻✻
✻
✻✻
✻
✻✻
Port P30
latch
Port P30
direction register = “0”
Port P31
latch
Port P31
direction register = “0”
Port P32
latch
Port P32
direction register = “0”
Port P33
latch
Port P33
direction register = “0”
Port P34
latch
Port P34
direction register = “1”
Port P35
latch
Port P35
direction register = “1”
Port P36
latch
Port P36
direction register = “1”
Port P37
latch
Port P37
direction register = “1”
P30 input
P31 input
P32 input
P33 input
P34 output
P35 output
P36 output
P37 output
Port P3
Input reading circuit
Comparator circuit
Port PXx
“L” level output
[ P-channel transistor for pull-up
[[ CMOS output buffer
Key input interrupt request
Port control register 1
Bit 4 = “1”
Port P30
latch
Port P30
direction register = “0”
Port P31
latch
Port P31
direction register = “0”
Port P32
latch
Port P32
direction register = “0”
Port P33
latch
Port P33
direction register = “0”
Port P34
latch
Port P34
direction register = “1”
Port P35
latch
Port P35
direction register = “1”
Port P36
latch
Port P36
direction register = “1”
Port P37
latch
Port P37
direction register = “1”
P30 input
P31 input
P32 input
P33 input
P34 output
P35 output
P36 output
P37 output
Port control register 1
Bit 5 = “0”
Port P3
Input reading circuit
Comparator circuit
Port PXx
“L” level output
✻ P-channel transistor for pull-up
✻✻ CMOS output buffer
Key input interrupt request
Port control register 1
Bit 4 = “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com