Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 136Page - Renesas Technology Corp 3886 Datasheet HTML 137Page - Renesas Technology Corp 3886 Datasheet HTML 138Page - Renesas Technology Corp 3886 Datasheet HTML 139Page - Renesas Technology Corp 3886 Datasheet HTML 140Page - Renesas Technology Corp 3886 Datasheet HTML 141Page - Renesas Technology Corp 3886 Datasheet HTML 142Page - Renesas Technology Corp 3886 Datasheet HTML 143Page - Renesas Technology Corp 3886 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-23
2.2 Interrupt
(3)
Change of relevant register settings
When the setting of the following registers or bits is changed, the interrupt request bit may be set
to “1”.
•Interrupt edge selection register (address 3A16)
•Interrupt source selection register (address 3916)
•INT2, INT3, INT4 interrupt switch bit of port control register 2 (bit 4 of address 2F16)
Set the above listed registers or bits as the following sequence.
Clear an interrupt enable bit to “0” (interrupt disabled)
↓
Set the above listed registers or bits
↓
Clear an interrupt request bit to “0”
(no interrupt request issued)
↓
Set the interrupt enable bit to “1” (interrupt enabled)
Fig. 2.2.19 Sequence of changing relevant register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com