Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 137Page - Renesas Technology Corp 3886 Datasheet HTML 138Page - Renesas Technology Corp 3886 Datasheet HTML 139Page - Renesas Technology Corp 3886 Datasheet HTML 140Page - Renesas Technology Corp 3886 Datasheet HTML 141Page - Renesas Technology Corp 3886 Datasheet HTML 142Page - Renesas Technology Corp 3886 Datasheet HTML 143Page - Renesas Technology Corp 3886 Datasheet HTML 144Page - Renesas Technology Corp 3886 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 380 page
background image
2-24
3886 Group User’s Manual
APPLICATION
2.3 Timer
2.3 Timer
This paragraph explains the registers setting method and the notes relevant to the timers.
2.3.1 Memory map
Fig. 2.3.1 Memory map of registers relevant to timers
2.3.2 Relevant registers
Fig. 2.3.2 Structure of Prescaler 12, Prescaler X, Prescaler Y
002016
002116
002216
002316
002416
002516
002616
Prescaler 12 (PRE12)
Timer 1 (T1)
Timer 2 (T2)
Timer XY mode register (TM)
Prescaler X (PREX)
Timer X (TX)
003C16
003E16
Interrupt control register 1 (ICON1)
002716
Timer Y (TY)
Prescaler Y (PREY)
003D16
003F16
Interrupt request register 1 (IREQ1)
Interrupt request register 2 (IREQ2)
Interrupt control register 2 (ICON2)
002F16
Port control register 2 (PCTL2)
Prescaler 12, Prescaler X, Prescaler Y
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
1
1
1
1
1
1
1
1
Prescaler 12 (PRE12) [Address : 20 16]
Prescaler X (PREX) [Address : 24 16]
Prescaler Y (PREY) [Address : 26 16]
•Set a count value of each prescaler.
•The value set in this register is written to both each prescaler
and the corresponding prescaler latch at the same time.
•When this register is read out, the count value of the corres-
ponding prescaler is read out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com