Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 106Page - Renesas Technology Corp 32182 Datasheet HTML 107Page - Renesas Technology Corp 32182 Datasheet HTML 108Page - Renesas Technology Corp 32182 Datasheet HTML 109Page - Renesas Technology Corp 32182 Datasheet HTML 110Page - Renesas Technology Corp 32182 Datasheet HTML 111Page - Renesas Technology Corp 32182 Datasheet HTML 112Page - Renesas Technology Corp 32182 Datasheet HTML 113Page - Renesas Technology Corp 32182 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 755 page
background image
4
4-15
EIT
32182 Group User’s Manual (Rev.1.0)
4.9 Interrupt Processing
4.9 Interrupt Processing
4.9.1 Reset Interrupt (RI)
[OccurrenceConditions]
A reset interrupt is accepted in machine cycle by pulling the RESET# input signal low. The reset interrupt is
assigned the highest priority among all EITs.
[EIT Processing]
(1) Initializing SM, IE and C bits
The PSW register’s SM, IE and C bits are initialized as shown below.
SM
←
0
IE
←
0
C
←
0
For the reset interrupt, the values of BSM, BIE and BC bits are undefined.
(2) Branching to the EIT vector entry
The CPU branches to the address H’0000 0000 in the user space. However, when operating in boot mode,
the CPU jumps to the boot program. For details, see Section 6.5, “Programming the Internal Flash Memory.”
(3) Jumping from the EIT vector entry to the user program
The CPU executes the instruction written by the user at the address H’0000 0000 of the EIT vector entry. In
the reset vector entry, be sure to initialize the PSW and SPI registers before jumping to the start address of
the user program.
4.9.2 System Break Interrupt (SBI)
System Break Interrupt (SBI) is an emergency interrupt which is used when power outage is detected or a fault
condition is notified by an external watchdog timer. The system break interrupt cannot be masked by the PSW
register IE bit.
Therefore, the system break interrupt can only be used when the system has some fatal event already existing in
it when the interrupt is detected. Also, this interrupt must be used on condition that after processing by the SBI
handler, control will not return to the program that was being executed when the system break interrupt occurred.
[OccurrenceConditions]
A system break interrupt is accepted by a falling edge on SBI# input pin. (The system break interrupt cannot
be masked by the PSW register IE bit.)
In no case will a system break interrupt be activated immediately after executing a 16-bit instruction that
starts from a word boundary. (For 16-bit branch instructions, however, the interrupt is accepted immediately
after branching.) Note also that because of the instruction processing-completed type, a system break
interrupt is accepted after the instruction is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com