Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 108Page - Renesas Technology Corp 32182 Datasheet HTML 109Page - Renesas Technology Corp 32182 Datasheet HTML 110Page - Renesas Technology Corp 32182 Datasheet HTML 111Page - Renesas Technology Corp 32182 Datasheet HTML 112Page - Renesas Technology Corp 32182 Datasheet HTML 113Page - Renesas Technology Corp 32182 Datasheet HTML 114Page - Renesas Technology Corp 32182 Datasheet HTML 115Page - Renesas Technology Corp 32182 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 755 page
background image
4
4-17
EIT
32182 Group User’s Manual (Rev.1.0)
Figure 4.9.2 Timing at Which External Interrupt (EI) is Accepted
[EIT Processing]
(1) Saving SM, IE and C bits
The PSW register’s SM, IE and C bits are saved to the respective backup bits: BSM, BIE and BC.
BSM
←
SM
BIE
←
IE
BC
←
C
(2) Updating SM, IE and C bits
The PSW register’s SM, IE and C bits are updated as shown below.
SM
←
0
IE
←
0
C
←
0
(3) Saving the PC
The content of the PC register (always on word boundary) is saved to the BPC register.
(4) Branching to the EIT vector entry
The CPU branches to the address H’0000 0080 in the user space. However, when operating in flash E/W enable
mode, the CPU goes to the beginning of the internal RAM (address H’0080 4000). (For details, see Section 6.5,
“Programming the Internal Flash Memory.”) This is the last operation performed in hardware preprocessing.
(5) Jumping from the EIT vector entry to the user-created handler
The CPU executes the BRA instruction written by the user at the address H’0000 0080 of the EIT vector
entry to jump to the start address of the user-created handler. At the beginning of the user-created EIT
handler, first save the BPC and PSW registers and the necessary general-purpose registers to the stack.
Also, save the accumulator and FPSR register as necessary.
4.9.3 External Interrupt (EI)
An external interrupt is generated upon an interrupt request which is output by the microcomputer’s internal
interrupt controller. The interrupt controller manages interrupt requests by assigning each one of seven priority
levels. For details, see Chapter 5, “Interrupt Controller.” For details about the interrupt request sources, see each
section in which the relevant internal peripheral I/O is described.
[OccurrenceConditions]
External interrupts are managed based on interrupt requests from each internal peripheral I/O by the
microcomputer’s internal interrupt controller, and are sent to the CPU via the interrupt controller. The CPU checks
these interrupt requests at a break in instructions residing on word boundaries, and when an interrupt request is
detected and the PSW register IE flag = "1", accepts it as an external interrupt.
In no case will an external interrupt be activated immediately after executing a 16-bit instruction that starts from
a word boundary. (For 16-bit branch instructions, however, the interrupt is accepted immediately after branching.)
4.9 Interrupt Processing
16-bit instruction
Order in which instructions are executed
32-bit instruction
Address 1000
Address 1002
Address 1004
Address 1008
Interrupt may
be accepted
×
Interrupt cannot
be accepted
16-bit instruction
Interrupt may
be accepted
Interrupt may
be accepted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com