Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 141 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 141 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 137Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 138Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 139Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 140Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 141Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 142Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 143Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 144Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 145Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 210 page
background image
ST7637
Ver 1.6
141/210
2009/03
9.1.48. VopOfsetDec: Vop Decrease 1 (C2H)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
VopOfsetDec
0
1
0
1
1
0
0
0
0
1
0
(C2h)
NOTE: “-“ Don’t care
Description
With the VopOfsetInc and VopOfsetDec command the VLCD voltage and therewith the contrast
of the LCD can be adjusted. This command decreases the value of Vop offset register by 1.
If you set the electronic control value to 0000000, the control value is set to 1111111 after this
command has been executed.
Electronic Control Value
Decimal Equivalent
V0 Offset
0111111
63
+2520 mV
0111110
62
+2480 mV
0111101
61
+2440 mV
…
…
…
0000010
2
+80 mV
0000001
1
+40 mV
0000000
0
0 mV
1111111
-1
-40 mV
1111110
-2
-80 mV
…
…
…
1100010
-62
-2480 mV
1100001
-63
-2520 mV
1100000
-64
-2560mV
Table 9.1-1
Possible Vop[6:0] values
Restriction
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
--
S/W Reset
--
H/W Reset
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com