Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 143 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 143 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 139Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 140Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 141Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 142Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 143Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 144Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 145Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 146Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 147Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 210 page
background image
ST7637
Ver 1.6
143/210
2009/03
9.1.49. BiasSel: Bias Selection (C3H)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
BiasSel
0
1
0
1
1
0
0
0
0
1
1
(C3h)
Parameter
1
1
0
-
-
-
-
-
Bias2 Bias1 Bias0
-
NOTE: “-“ Don’t care
Description
Select LCD bias ratio of the voltage required for driving the LCD.
Bais2
Bais1
Bais0
LCD bias
0
0
0
1/12
0
0
1
1/11
0
1
0
1/10
0
1
1
1/9
1
0
0
1/8
1
0
1
1/7
1
1
0
1/6
1
1
1
1/5
Restriction
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
(Bias[2:0])
Power On Sequence
110b
S/W Reset
110b
H/W Reset
110b
Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com