Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 146 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 146 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 142Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 143Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 144Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 145Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 146Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 147Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 148Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 149Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 150Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 210 page
background image
ST7637
Ver 1.6
146/210
2009/03
9.1.51. BstEffSel: Booster Efficiency selection (C5H)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
BstEffSel
0
1
0
1
1
0
0
0
1
0
1
(C5h)
Parameter
1
1
0
-
-
-
-
-
-
BTF1 BTF0 -
NOTE: “-“ Don’t care
Description
Booster Efficiency set
BTF1
BTF0
Frequency ( Hz )
0
0
Level 1
0
1
Level 2 (default)
1
0
Level 3
By Booster Stages (2X, 3X, 4X, 5X, 6X, 7X, 8X) and Booster Efficiency (Level1~3) commands, we
could easily set the best Booster performance with suitable current consumption. If the Booster
Efficiency is set to higher level (level3 is higher than level1). The Boost Efficiency is better than lower
level, and it just need few more power consumption current.
Restriction
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value (BTF[1:0])
Power On Sequence
01b
S/W Reset
01b
H/W Reset
01b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com