Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 150 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 150 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 146Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 147Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 148Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 149Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 150Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 151Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 152Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 153Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 154Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 210 page
background image
ST7637
Ver 1.6
150/210
2009/03
9.1.54. ID1Set : ID1 setting (CCH)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
ID1Set
0
1
0
1
1
0
0
1
1
0
0
(CCh)
Parameter
1
1
0
ID1_7 ID1_6 ID1_5 ID1_4 ID1_3 ID1_2 ID1_1 ID1_0
-
NOTE: “-“ Don’t care
Description
ID1 setting for OTP program data input
Restriction
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
00h
S/W Reset
00h
H/W Reset
00h
Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com