Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 148 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 148 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 144Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 145Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 146Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 147Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 148Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 149Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 150Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 151Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 152Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 210 page
background image
ST7637
Ver 1.6
148/210
2009/03
9.1.52. VopOffset: Vop offset fuse bit adjust (C7H)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
VopOffset
0
1
0
1
1
0
0
0
1
1
1
(C7h)
Parameter1
1
1
0
VOS7 VOS6 VOS5 VOS4 VOS3 VOS2 VOS1 VOS0
-
Parameter2
1
1
0
-
-
-
-
-
-
-
VOS8
-
NOTE: “-“ Don’t care
Description
The command is used to the Vop offset for V0.
Restriction
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
VOS8
VOS[7:0]
Power On Sequence
0
0
S/W Reset
0
0
H/W Reset
0
0
Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com