Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 181 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 181 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 177Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 178Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 179Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 180Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 181Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 182Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 183Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 184Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 185Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 210 page
background image
ST7637
Ver 1.6
181/210
2009/03
(VDD=1.8V, Ta= 25°C, die)
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Address hold time
tAH8
15
—
Address setup time
A0
tAW8
15
—
System cycle time (WRITE)
tCYC8
260
—
ns
/WR L pulse width (WRITE)
tCCLW
80
—
/WR H pulse width (WRITE)
WR
tCCHW
170
—
System cycle time (READ)
tCYC8
110
—
/RD L pulse width (READ)
tCCLR
70
—
/RD H pulse width (READ)
RD (ID)
tCCHR
When read ID data
25
—
System cycle time (READ)
tCYC8
450
—
/RD L pulse width (READ)
tCCLR
140
—
/RD H pulse width (READ)
RD (FM)
tCCHR
When read from frame
memory
300
—
WRITE data setup time
tDS8
60
—
WRITE data hold time
tDH8
10
—
READ access time (ID)
tACC8 (ID)
—
60
READ access time (FM)
tACC8 (FM)
CL = 30 pF
—
90
READ Output disable time
D0 to D7
tOH8
CL = 30 pF
—
80
ns
*1 The input signal rise time and fall time (tr, tf) is specified at 15 ns or less. When the system cycle time is extremely fast,
(tr +tf)
(tCYC8
℃
– tCCLW – tCCHW) for (tr + tf)
(tCYC8
℃
– tCCLR – tCCHR) are specified.
*2 All timing is specified using 20% and 80% of VDD as the reference.
*3 tCCLW and tCCLR are specified as the overlap between /CS being “L” and WR and RD being at the “L” level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com