Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 178 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 178 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 174Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 175Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 176Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 177Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 178Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 179Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 180Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 181Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 182Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 210 page
background image
ST7637
Ver 1.6
178/210
2009/03
10.2 DC CHARACTERISTICS
10.2.1. Basic Characteristics
(VSS=0V,Ta = -30 to 85°C)
Parameter
Symbol
Conditions
Related Pins
MIN
TYP
MAX
Unit
Logic Operating voltage
VDDI
-
*2)VDD,VDD1
1.65
1.8
3.0
Analog Operating voltage
VDDA
-
*2)VDD2,3,4,5
2.4
2.75
3.3
Driving voltage input
VLCD
V0 – XV0
*3)V0, XV0
-
-
18.0
High level input voltage
VIH
*1) *2)
0.7VDD
-
VDD
Low level input voltage
VIL
-
*1) *2)
VSS
-
0.3VDD
High level output voltage
VOH
IOH = -1.0mA
0.8VDD
-
VDD
Low level output voltage
VOL
IOL = +1.0mA
*2) SI, TE
VSS
-
0.2VDD
V
Input leakage current
IIL
VIN = VDD or VSS
*1) *2)
-1.0
-
+1.0
µA
Driver on resistance (SEG)
RONSEG
Vg = 2.8V, Ta=25℃
S0 to S395
-
-
1
Driver on resistance (COM)
RONCOM
Vg = 2.8V, Ta=25℃
C0 to C131
-
-
1
K
Frame rate
FR
Ta=25℃, N-line=0x00,
Duty=128,
-
-
77
-
Hz
Voltage follower output
voltage
Vm
Vm
0.7
Vg/2
VDDA-0.7
V
Booster2 output voltage
range
Vg
Vg
1.8
-
5
V
NOTE:
*1) Applies to IF1, IF2, IF3, /CS, /RST, /WR, /RD, A0(SCL) and D15-D2, D1 (A0) ,D0(SI) pins
*2) *3) When the measurements are performed with LCD module, Measurement Points are like below.
*4) Vdda cannot be higher than 3V while Vddi<1.7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com