Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 174 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 174 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 170Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 171Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 172Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 173Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 174Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 175Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 176Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 177Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 178Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 210 page
background image
ST7637
Ver 1.6
174/210
2009/03
9.1.73. THYS : Temperature detection threshold(F7H)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
THYS
0
1
0
1
1
1
1
0
1
1
1
(F7h)
Parameter
1
1
0
THYS7 THYS6 THYS5 THYS4 THYS3 THYS2 THYS1 THYS0
-
NOTE: “-“ Don’t care
Description
Temperature detection threshold setting.
Restriction
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value D[7:0]
Power On Sequence
06h
S/W Reset
06h
H/W Reset
06h
Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com